Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-5011 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5011
Description  UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5011 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-5011 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ACPM-5011
UMTS/LTE Band11 + Band21 (1427.9 - 1462.9 MHz)
3 x 3 mm Power Amplifier Module
Data Sheet
Description
The ACPM-5011 is a fully matched 10-pin surface mount
module developed for UMTS and LTE at Band11 and Band
21. This power amplifier module operates in the 1427.9-
1462.9 MHz bandwidth. The ACPM-5011 meets stringent
LTE (MPR = 0 dB) and HSPA+ linearity requirements up to
27.5 dBm output power. The 3 x 3 mm form factor package
is self contained, incorporating 50 ohm input and output
matching networks.
The ACPM-5011 features 5th generation of CoolPAM circuit
technology which supports 3 power modes – bypass, mid
and high power modes. The CoolPAM is stage bypass tech-
nology enhancing PAE (power added efficiency) at low
and medium power range. Active bypass feature is added
to 5th generation to enhance PAE further at low output
range. This helps to extend talk time.
A directional coupler is integrated into the module and
both coupling and isolation ports are available externally,
supporting daisy chain. The integrated coupler has
excellent coupler directivity, which minimizes the coupled
output power variation or delivered power variation
caused by the load mismatch from the antenna. The
coupler directivity, or the output power variation into
the mismatched load, is critical to the TRP and SAR per-
formance of the mobile phones in real field operations as
well as compliance tests for the system specifications.
The ACPM-5011 has integrated on-chip Vref and
on-module bias switch as the one of the key features of
the CoolPAM-5, so an external constant voltage source
is not required, eliminating the external LDO regulators
and switches from circuit boards of mobile devices. It also
makes the PA fully digital-controllable by the Ven pin that
simply turns the PA on and off from the digital control logic
input from baseband chipsets. All of the digital control
input pins such as the Ven, Vmode and Vbp are fully CMOS
compatible and can operate down to the 1.35 V logic. The
current consumption by digital control pins is negligible.
ThepoweramplifierismanufacturedonanadvancedInGaP
HBT (hetero-junction Bipolar Transistor) MMIC (microwave
monolithic integrated circuit) technology offering state-of-
the-art reliability, temperature stability and ruggedness.
Features
• Thin Package (0.9 mm typ)
• Excellent Linearity
• 3-mode power control with Vbp and Vmode
• Bypass / Mid Power Mode / High Power Mode
• High Efficiency at max output power
• 10-pin surface mounting package
• Internal 50 ohm matching networks for both RF input
and output
• Integrated coupler
• Coupler and Isolation ports for daisy chain
• Green – Lead-free and RoHS complian
Applications
• UMTS(HSPA+)/LTE Handset for Band11 and Band 21
Ordering Information
Part Number
Number of
Devices
Container
ACPM-5011-TR1
1000
178 mm (7”) Tape/Reel
ACPM-5011-BLK
100
Bulk


Similar Part No. - ACPM-5011

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5013 AVAGO-ACPM-5013 Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
ACPM-5013-BLK AVAGO-ACPM-5013-BLK Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
ACPM-5013-TR1 AVAGO-ACPM-5013-TR1 Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
More results

Similar Description - ACPM-5011

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5013 AVAGO-ACPM-5013 Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
ACPM-5007 AVAGO-ACPM-5007 Datasheet
300Kb / 13P
   LTE Band7 (2500-2570 MHz) 3 x 3 mm Power Amplifi er Module
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Qorvo, Inc
QPA9501 QORVO-QPA9501_V01 Datasheet
846Kb / 10P
   3-Stage LTE-U/LAA Power Amplifier
June 26, 2020
QPA9501 QORVO-QPA9501 Datasheet
850Kb / 1P
   3-Stage LTE-U/LAA Power Amplifier
logo
TriQuint Semiconductor
TQQ0303 TRIQUINT-TQQ0303_15 Datasheet
383Kb / 6P
   LTE Band 3 Downlink Module
TQQ0302 TRIQUINT-TQQ0302_15 Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
logo
Vecow Co., Ltd.
ECS-8000-2R VECOW-ECS-8000-2R Datasheet
584Kb / 2P
   3 Mini PCIe Socket for 3G/ 4G/ LTE/ WiFi/ GPRS/ UMTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com