Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1940T Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB1940T
Description  Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1940T Datasheet(HTML) 2 Page - ON Semiconductor

  LB1940T Datasheet HTML 1Page - ON Semiconductor LB1940T Datasheet HTML 2Page - ON Semiconductor LB1940T Datasheet HTML 3Page - ON Semiconductor LB1940T Datasheet HTML 4Page - ON Semiconductor LB1940T Datasheet HTML 5Page - ON Semiconductor LB1940T Datasheet HTML 6Page - ON Semiconductor LB1940T Datasheet HTML 7Page - ON Semiconductor LB1940T Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LB1940T, LB1940U
No.7232-2/8
Allowable Operating Range
at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
VOPR1
VDD system, VS = 2.0V
1.9
6.5
Function-guaranteed voltage range
VOPR2
VS system, VDD = 5.0V
1.6
7.5
V
Low level input threshold voltage
VIL
ENA1, ENA2, IN1, IN2
-0.3
1.0
V
High level input threshold voltage
VIH
ENA1, ENA2, IN1, IN2
2.0
6.0
V
VC input voltage
VC
0.19
1.0
V
Electrical Characteristics
at Ta = 25
°C, VS = 3V, VDD = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Standby current dissipation
ISTB
VS = VDD = 6.5V
0.1
1.0
μA
Regulator output circuit
VREF output voltage
VREF
IOL = 0 to 1mA
0.85
0.9
0.95
V
SVDD output voltage
VSVDD
IOL = 10mA
4.70
4.85
V
H bridge output circuit
VO(sat)1
VDD = 5.0V, VS = 2.0V
IO = 200mA (PNP side)
0.20
0.30
V
OUT output saturation voltage
(at saturation control)
VO(sat)2
VDD = 5.0V, VS = 2.0V
IO = 200mA (NPN side)
0.10
0.15
V
IOUT1
VDD = 6.0V, VC = 0.2V, VS = 3.5V
RL = 5Ω (between OUT-OUT), RFB = 2Ω
94
100
106
mA
OUT output current
(at constant current control)
IOUT2
VC =
Rb
Ra
Rb
+
VREF (Ra = 70k
Ω, Rb = 20kΩ) *
VDD = 6.0V, VS = 2.0V
RL = 5Ω (between OUT-OUT), RFB = 1Ω
180
200
220
mA
VS system operating current
consumption
IS1
VC =
Rb
Ra
Rb
+
VREF (Ra = 70k
Ω, Rb = 20kΩ) *
1.5
3
mA
VDD system operating current
dissipation
IDD1
VC =
Rb
Ra
Rb
+
VREF (Ra = 70k
Ω, Rb = 20kΩ) *
ENA1 = 2V
4
7
mA
VC input current
IVC
VDD = 6.0V, VS = 2.0V, VC = 1.9V
0
-1
μA
Control input circuit
IIH
VIH = 5.5V
80
100
Control pin maximum input current
IIL
VIL = GND
-1
0
μA
* For Ra and Rb, refer to Application Circuit Diagram.


Similar Part No. - LB1940T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T Datasheet
450Kb / 9P
   LB1940T
LB1940T SANYO-LB1940T Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
LB1940T SANYO-LB1940T Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T ONSEMI-LB1940T Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
LB1940T-MPB-E ONSEMI-LB1940T-MPB-E Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
More results

Similar Description - LB1940T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_06 Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T-TLM-H ONSEMI-LB1940T-TLM-H Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver IC
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
   2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
logo
Global Mixed-mode Techn...
G2004 GMT-G2004 Datasheet
63Kb / 1P
   Constant current type 1-CH H-bridge driver IC
logo
ON Semiconductor
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
logo
Sanyo Semicon Device
LB8681CL SANYO-LB8681CL Datasheet
69Kb / 5P
   Monolithic Digital IC Constant Current Driver IC with H-bridge 횞 1.5 Channel
logo
Renesas Technology Corp
M62237FP RENESAS-M62237FP Datasheet
1Mb / 4P
   CONSTANT VOLTAGE CONSTANT CURRENT CONTROL IC
M62237FP RENESAS-M62237FP_07 Datasheet
109Kb / 7P
   Constant Voltage Constant Current Control IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com