Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4425IP Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # ML4425IP
Description  Sensorless BLDC Motor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4425IP Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button ML4425IP Datasheet HTML 7Page - Fairchild Semiconductor ML4425IP Datasheet HTML 8Page - Fairchild Semiconductor ML4425IP Datasheet HTML 9Page - Fairchild Semiconductor ML4425IP Datasheet HTML 10Page - Fairchild Semiconductor ML4425IP Datasheet HTML 11Page - Fairchild Semiconductor ML4425IP Datasheet HTML 12Page - Fairchild Semiconductor ML4425IP Datasheet HTML 13Page - Fairchild Semiconductor ML4425IP Datasheet HTML 14Page - Fairchild Semiconductor ML4425IP Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PRODUCT SPECIFICATION
ML4425
REV. 1.0.2 7/2/01
11
Figure 8. ML4425 Start-up Circuitry for Controlling the Align and Ramp Times
CAT
CAT
FB A
FB B
FB C
BACK
EMF
SAMPLER
CRT
CRT
CRR
+
1.5V
750nA
+
1.5V
750nA
VDD
VDD
CRR
500nA
VDD
SPEED
FB
TO
SPEED FB
FILTER
CVCO
RVCO
VOLTAGE
CONTROLLED
OSCILLATOR
VCO/TACH
TO RESET INPUT
OF COMMUTATION
STATE MACHINE
Run Mode (Back EMF Sensing)
At the end of ramp mode the controller goes into run mode.
In run mode, the back EMF sensing is enabled and commuta-
tion is now under the control of the phase locked loop. Motor
speed is now regulated by the speed control loop.
PWM Speed Control
Speed control is accomplished by setting a speed command
at SPEED SET with an input voltage from 0 to 6.9V (VREF).
The accuracy of the speed command is determined by the
external components RVCO and CVCO. There are a number of
methods that can be used to control the speed command of
the ML4425. One is to use a 10k
Ω potentiometer from VREF
to ground with the wiper connected to SPEED SET. If
SPEED SET is controlled from a microcontroller, one of its
DACs can be used with VREF as its input reference.
The speed command is compared with the sensed speed from
SPEED FB through a transconductance error amplifier. The
output of the speed error amplifier is SPEED COMP. SPEED
COMP is clamped between one diode drop above 3.9V
(approximately 4.6V) and one diode drop below 1.7V
(approximately 1V) to prevent speed loop “wind-up”. Speed
loop compensation components are connected to this pin as
shown in Figure 9. The speed loop compensation compo-
nents are calculated as follows:
Where fSB is the speed loop bandwidth in Hz.
Figure 9. Speed Control Loop Component Connections
The voltage on SPEED COMP is compared with a ramp
oscillator to create a PWM duty cycle. The PWM ramp oscil-
lator creates a sawtooth function from 1.7V to 3.9V as shown
in Figure 9. A negative clamp at one diode drop below 1.7V
(approximately 1V) starts the oscillator on power up. The
frequency of the ramp oscillator is set by a capacitor to
ground CIOS and is selected using the following equation:
Where fPWM is the PWM frequency in Hz. The PWM duty
cycle from the speed control loop is gated the current limit
one shot that controls the LA, LB, and LC output drivers.
C
SC
26.9
N
V
MOTOR
C
VCO
×
×
×
f
SB
K
e
×
2.5
98.696
τm
2
f
SB
2
×
×
+
-------------------------------------------------------------------------------------------
=
(9a)
R
SC
10
2
π f
SB
C
SC
×
×
---------------------------------------
=
(9b)
+
+
SPEED SET
SPEED COMP
3.9V
1.7V
10k
20kHz
PWM ON/OFF
FROM ILIMIT
ONE-SHOT
FROM
SPEED FB
TO
GATING
LOGIC &
OUTPUT
DRIVERS
CT
CT
CSC
RSC
1.7V
VREF
C
T
I
f
PWM
--------------
50
µA
×
2.4V
-----------------------------------
=
(10)


Similar Part No. - ML4425IP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4425IP MICRO-LINEAR-ML4425IP Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
More results

Similar Description - ML4425IP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
   Sensorless BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
logo
Micro Linear Corporatio...
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
   Sensorless Smart-Start??BLDC PWM Motor Controller
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com