Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBC144EDXV6 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSBC144EDXV6
Description  Dual NPN Bias Resistor Transistors R1 = 47 K , R2 = 47 K
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC144EDXV6 Datasheet(HTML) 3 Page - ON Semiconductor

  NSBC144EDXV6 Datasheet HTML 1Page - ON Semiconductor NSBC144EDXV6 Datasheet HTML 2Page - ON Semiconductor NSBC144EDXV6 Datasheet HTML 3Page - ON Semiconductor NSBC144EDXV6 Datasheet HTML 4Page - ON Semiconductor NSBC144EDXV6 Datasheet HTML 5Page - ON Semiconductor NSBC144EDXV6 Datasheet HTML 6Page - ON Semiconductor NSBC144EDXV6 Datasheet HTML 7Page - ON Semiconductor NSBC144EDXV6 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MUN5213DW1, NSBC144EDXV6, NSBC144EDP6
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA =25C, common for Q1 and Q2, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(VCB =50V, IE =0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current
(VCE =50V, IB =0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC =0)
IEBO
0.1
mAdc
Collector-Base Breakdown Voltage
(IC =10 mA, IE =0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 6)
(IC = 2.0 mA, IB =0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 6)
(IC = 5.0 mA, VCE =10V)
hFE
80
140
Collector-Emitter Saturation Voltage (Note 6)
(IC = 10 mA, IB = 0.3 mA)
VCE(sat)
0.25
V
Input Voltage (Off)
(VCE = 5.0 V, IC = 100 mA)
Vi(off)
1.2
Vdc
Input Voltage (On)
(VCE = 0.2 V, IC = 3.0 mA)
Vi(on)
1.9
Vdc
Output Voltage (On)
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (Off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
R1
32.9
47
61.1
kW
Resistor Ratio
R1/R2
0.8
1.0
1.2
6. Pulsed Condition: Pulse Width = 300 ms, Duty Cycle  2%.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
300
150
(1) (2)
(1) SOT−363; 1.0  1.0 Inch Pad
(2) SOT−563; Minimum Pad
(3) SOT−963; 100 mm2, 1 oz. Copper Trace
350
400
(3)


Similar Part No. - NSBC144EDXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC144EDXV6 ONSEMI-NSBC144EDXV6 Datasheet
87Kb / 8P
   Dual NPN Bias Resistor Transistors
March, 2014 ??Rev. 1
NSBC144EDXV6T1 ONSEMI-NSBC144EDXV6T1 Datasheet
130Kb / 9P
   Dual Bias Resistor Transistors
September, 2012 ??Rev. 7
NSBC144EDXV6T1G ONSEMI-NSBC144EDXV6T1G Datasheet
87Kb / 8P
   Dual NPN Bias Resistor Transistors
March, 2014 ??Rev. 1
NSBC144EDXV6T5G ONSEMI-NSBC144EDXV6T5G Datasheet
87Kb / 8P
   Dual NPN Bias Resistor Transistors
March, 2014 ??Rev. 1
More results

Similar Description - NSBC144EDXV6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144E PHILIPS-PDTC144E_15 Datasheet
760Kb / 17P
   NPN resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 9-15 November 2011
logo
Nexperia B.V. All right...
PDTC144E_SER NEXPERIA-PDTC144E_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
PEMH2 NEXPERIA-PEMH2_V01 Datasheet
912Kb / 15P
   NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 5 - 5 December 2011
logo
NXP Semiconductors
PEMD48_PUMD48 PHILIPS-PEMD48_PUMD48_15 Datasheet
969Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k??and R1 = 2.2 k?? R2 = 47 k?
Rev. 6-24 January 2012
PEMH2_PUMH2 PHILIPS-PEMH2_PUMH2_15 Datasheet
621Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 47 k?? R2 = 47 k?
Rev. 5-5 December 2011
logo
Nexperia B.V. All right...
PEMD48 NEXPERIA-PEMD48_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
logo
NXP Semiconductors
PEMD12_PUMD12 PHILIPS-PEMD12_PUMD12_15 Datasheet
965Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 4-21 November 2011
logo
Nexperia B.V. All right...
PEMD12 NEXPERIA-PEMD12 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
logo
NXP Semiconductors
PQMD12 NXP-PQMD12 Datasheet
207Kb / 13P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
24 July 2013
logo
ON Semiconductor
MUN5114DW1 ONSEMI-MUN5114DW1 Datasheet
124Kb / 8P
   Dual PNP Bias Resistor Transistors R1 = 10 k, R2 = 47 k
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com