Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN1R2-30YLC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN1R2-30YLC
Description  NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R2-30YLC Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN1R2-30YLC Datasheet HTML 1Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 2Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 3Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 4Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 5Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 6Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 7Page - NXP Semiconductors PSMN1R2-30YLC Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
NextPower MOSFETs - Visit us at www.nxp.com/mosfets
Type
Voltage (V)
R
DS(on)typ
V
GS = 4.5 V (mΩ)
Q
G(typ)
V
GS = 4.5 V (nC)
Q
GD(typ)
V
GS = 4.5 V (nC)
C
OSS (pF)
PSMN1R0-30YLC
30
1.1
50
14.6
1210
PSMN1R2-30YLC
30
1.35
38
11.6
977
PSMN1R5-30YLC
30
1.65
30
8.6
860
PSMN2R2-30YLC
30
2.3
26
8
651
PSMN2R6-30YLC
30
3.1
18
5.5
549
PSMN3R2-30YLC
30
3.75
14.2
4.1
432
PSMN3R7-30YLC
30
4.25
14
4.2
380
PSMN4R1-30YLC
30
4.75
11
3.5
316
PSMN4R5-30YLC
30
5.1
9.6
2.85
288
30 V NextPower types
Benchmarking
Comparing NXP NextPower with NXP Trench 6 technology
Benchmark testing for NextPower types shows a 1% efficiency gain compared to equivalent Trench 6 types:
Test conditions
} Input Voltage: 12 V
} Output Voltage: 1.2 V
} 1 phase
} Frequency: 500 KHz
} Air flow: 200 LFM
Type
Voltage (V)
R
DS(on)typ
V
GS = 4.5 V (mΩ)
Q
G(typ)
V
GS = 4.5 V (nC)
Q
GD(typ)
V
GS = 4.5 V (nC)
C
OSS (pF)
PSMN1R5-30YL
30
1.8
36
8.7
1082
PSMN1R5-30YLC
30
1.65
30
8.6
860
PSMN4R0-30YL
30
3.7
18
4.3
469
PSMN4R5-30YLC
30
5.1
9.6
2.85
288
30 V NextPower types
=&G$3H"
)
IJ0C&4E$F9)
=K,LMN<=)
OKC$F9E)
=K,LMN<=)
OKPC$F9E)
=K,LMN<=)
8+,,C$F9E )
XYW!
U5V!
Uf!
V5f!
TVVY!
XYW!
U5X!
U\!
] !
\VT!
XYW!
] !
f5f !
U5]!
bgf !
XYW!
V5T!
f5\!
U5]V!
U]] !
0
5
10
15
20
25
30
NextPower: PSMN4R5-30YLC / PSMN1R5-30YLC
Trench 6: PSMN4R0-30YL / PSMN1R5-30YL
ILOAD (Amps)


Similar Part No. - PSMN1R2-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R2-30YLC NXP-PSMN1R2-30YLC Datasheet
351Kb / 15P
   N-channel 30 V 1.25m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-3 May 2011
PSMN1R2-30YLC PHILIPS-PSMN1R2-30YLC Datasheet
1Mb / 8P
   NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN1R2-30YLC NEXPERIA-PSMN1R2-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 1.25mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 3 May 2011
More results

Similar Description - PSMN1R2-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R8-30LL PHILIPS-PSMN3R8-30LL Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Nexperia B.V. All right...
PSMN1R2-30YLC NEXPERIA-PSMN1R2-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 1.25mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 3 May 2011
PSMN2R2-30YLC NEXPERIA-PSMN2R2-30YLC Datasheet
934Kb / 15P
   N-channel 30 V 2.15mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 02 - 3 May 2011
logo
NXP Semiconductors
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC_15 Datasheet
351Kb / 15P
   N-channel 30 V 2.8m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN3R2-30YLC PHILIPS-PSMN3R2-30YLC_15 Datasheet
352Kb / 15P
   N-channel 30 V 3.5m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
logo
Nexperia B.V. All right...
PSMN2R6-30YLC NEXPERIA-PSMN2R6-30YLC Datasheet
931Kb / 15P
   N-channel 30 V 2.8mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN3R2-30YLC NEXPERIA-PSMN3R2-30YLC Datasheet
933Kb / 15P
   N-channel 30 V 3.5mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN4R1-30YLC NEXPERIA-PSMN4R1-30YLC Datasheet
750Kb / 14P
   N-channel 30 V 4.35mΩ logic level MOSFET in LFPAK using NextPower technology
12 February 2013
PSMN3R7-30YLC NEXPERIA-PSMN3R7-30YLC Datasheet
467Kb / 16P
   N-channel 30 V 3.95mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
PSMN6R5-25YLC NEXPERIA-PSMN6R5-25YLC Datasheet
903Kb / 15P
   N-channel 25 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com