Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILE4278D Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # ILE4278D
Description  5-V Low-Drop Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4278D Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  ILE4278D Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4278D Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4278D Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4278D Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4278D Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4278D Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4278D Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4278D Datasheet HTML 8Page - IK Semicon Co., Ltd ILE4278D Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ILE4278
June, 2013, Rev. 02
The watchdog output can be used as an interrupt signal for the microcontroller. In any
case it is possible to connect pin WO and pin RO externally.
When the controller is set to sleep mode or low power mode its current consumption
drops and no watchdog pulses are created. In order to avoid unnecessary wake up
signals due to missing pulses at pin WI the watchdog feature can be disabled as a
function of the load current. The switch off threshold is set by an external resistor to pin
WADJ. The watchdog function can also be used as a timer, which periodically wakes
up the controller. Therefore the pin WADJ has to be connected to the output Q.
The power on reset feature is necessary for a defined start of the microprocessor when
switching on the application. The reset signal at pin RO goes high after a certain delay
timed
trd when the output voltage of the regulator has surpassed the reset threshold.
The delay time is set by the external delay capacitor. An under voltage reset circuit
supervises the output voltage. In case
VQ falls below the reset threshold the reset
output is set to LOW after a short reset reaction time
trr. The reset LOW signal is
generated down to an output voltage
VQ of 1 V. In addition the reset switching
threshold can be adjusted by an external voltage divider. This feature is useful with
microprocessors which guarantee a safe operation down to voltages below the
internally set reset threshold of 4.65 V typical.


Similar Part No. - ILE4278D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4278 IKSEMICON-ILE4278 Datasheet
187Kb / 18P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - ILE4278D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com