Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1042TK-3 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TJA1042TK-3
Description  High-speed CAN transceiver with Standby mode
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1042TK-3 Datasheet(HTML) 5 Page - NXP Semiconductors

  TJA1042TK-3 Datasheet HTML 1Page - NXP Semiconductors TJA1042TK-3 Datasheet HTML 2Page - NXP Semiconductors TJA1042TK-3 Datasheet HTML 3Page - NXP Semiconductors TJA1042TK-3 Datasheet HTML 4Page - NXP Semiconductors TJA1042TK-3 Datasheet HTML 5Page - NXP Semiconductors TJA1042TK-3 Datasheet HTML 6Page - NXP Semiconductors TJA1042TK-3 Datasheet HTML 7Page - NXP Semiconductors TJA1042TK-3 Datasheet HTML 8Page - NXP Semiconductors TJA1042TK-3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TJA1042
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 8 May 2012
5 of 22
NXP Semiconductors
TJA1042
High-speed CAN transceiver with Standby mode
7.
Functional description
The TJA1042 is a HS-CAN stand-alone transceiver with Standby mode. It combines the
functionality of the PCA82C250, PCA82C251 and TJA1040 transceivers with improved
EMC and ESD handling capability and quiescent current performance. Improved slope
control and high DC handling capability on the bus pins provide additional application
flexibility.
The TJA1042 is available in two versions, distinguished only by the function of pin 5:
The TJA1042T is 100 % backwards compatible with the TJA1040, and also covers
existing PCA82C250 and PCA82C251 applications
The TJA1042T/3 and TJA1042TK/3 allow for direct interfacing to microcontrollers with
supply voltages down to 3 V
7.1 Operating modes
The TJA1042 supports two operating modes, Normal and Standby, which are selected via
pin STB. See Table 4 for a description of the operating modes under normal supply
conditions.
7.1.1 Normal mode
A LOW level on pin STB selects Normal mode. In this mode, the transceiver can transmit
and receive data via the bus lines CANH and CANL (see Figure 1 for the block diagram).
The differential receiver converts the analog data on the bus lines into digital data which is
output to pin RXD. The slope of the output signals on the bus lines is controlled and
optimized in a way that guarantees the lowest possible EME.
7.1.2 Standby mode
A HIGH level on pin STB selects Standby mode. In Standby mode, the transceiver is not
able to transmit or correctly receive data via the bus lines. The transmitter and
Normal-mode receiver blocks are switched off to reduce supply current, and only a
low-power differential receiver monitors the bus lines for activity. The wake-up filter on the
output of the low-power receiver does not latch bus dominant states, but ensures that only
bus dominant and bus recessive states that persist longer than tfltr(wake)bus are reflected on
pin RXD.
In Standby mode, the bus lines are biased to ground to minimize the system supply
current. The low-power receiver is supplied by VIO, and is capable of detecting CAN bus
activity even if VIO is the only supply voltage available. When pin RXD goes LOW to signal
a wake-up request, a transition to Normal mode will not be triggered until STB is forced
LOW.
Table 4.
Operating modes
Mode
Pin STB
Pin RXD
LOW
HIGH
Normal
LOW
bus dominant
bus recessive
Standby
HIGH
wake-up request
detected
no wake-up request
detected


Similar Part No. - TJA1042TK-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1042TK/3 NXP-TJA1042TK/3 Datasheet
122Kb / 20P
   High-speed CAN transceiver with Standby mode
Rev. 02-8 July 2009
More results

Similar Description - TJA1042TK-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1442 NXP-TJA1442 Datasheet
356Kb / 30P
   High-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
TJA1044 NXP-TJA1044 Datasheet
237Kb / 27P
   High-speed CAN transceiver with Standby mode
Rev. 6-24 August 2017
TJA1042 NXP-TJA1042 Datasheet
122Kb / 20P
   High-speed CAN transceiver with Standby mode
Rev. 02-8 July 2009
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
logo
Microchip Technology
ATA6562 MICROCHIP-ATA6562 Datasheet
1Mb / 32P
   High-Speed CAN Transceiver with Standby Mode
09/14/21
logo
NXP Semiconductors
TJR1448 NXP-TJR1448 Datasheet
384Kb / 37P
   Dual high-speed CAN transceiver with Standby mode
TJA1048 NXP-TJA1048 Datasheet
271Kb / 27P
   Dual high-speed CAN transceiver with Standby mode
Rev. 6-19 March 2018
TJA1448 NXP-TJA1448 Datasheet
390Kb / 38P
   Dual high-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com