Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILE4278 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # ILE4278
Description  5-V Low-Drop Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4278 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  ILE4278_13 Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4278_13 Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4278_13 Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4278_13 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4278_13 Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4278_13 Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4278_13 Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4278_13 Datasheet HTML 8Page - IK Semicon Co., Ltd ILE4278_13 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TECHNICAL DATA
June, 2013, Rev. 02
5-V Low-Drop Fixed Voltage Regulator
Features
• Output voltage tolerance ≤ ± 2%, 4%
• Very low current consumption
• Separated reset and watchdog output
• Low-drop voltage
• Watchdog
• Adjustable watchdog activating threshold
• Adjustable reset threshold
• Overtemperature protection
• Reverse polarity protection
• Short-circuit proof
• Suitable for use in automotive electronics
• Wide temperature range
• AEC-Q100 Qualified
• ESD Protection : HBM ±8,000V / MM ±400V / CDM ±2,000V
Functional Description
The ILE 4278 is a monolithic integrated low-drop fixed-voltage regulator which can
supply loads up to 200 mA. The device is available in the 14-SOP-225 package. It is
designed to supply microprocessor systems under the severe conditions of automotive
applications and therefore equipped with additional protection functions against over
load, short circuit and over temperature. Of course the ILE 4278 can also be used in
other applications where a stabilized voltage is required.
An input voltage
VI in the range of 6V ≤ VI ≤ 28V is regulated to VQ,nom = 5 V with an
accuracy of ± 2%.
An input voltage
VI in the range of 28V ≤ VI ≤ 45 V is regulated to VQ,nom = 5 V with an
accuracy of ± 4%.
The device operates in the wide temperature range of
Tj = – 40 to 12 5 ℃.
Two additional features are implemented in the ILE 4278 a load dependent watchdog
function as well as a sophisticated reset function including power on reset, under
voltage reset, adjustable reset delay time and adjustable reset switching threshold.
The watchdog function monitors the microcontroller, including time base failures. In
case of a missing rising edge within a certain pulse repetition time the watchdog output
is set to LOW. Programming of the max. repetition time can be done easily by an
external reset delay capacitor. To prevent a reset in case of missing pulses, the
watchdog output WO is separate from the reset output RO for the ILE 4278.
ILE4278
PDSO-14
ORDERING INFORMATION
ILE4278D


Similar Part No. - ILE4278_13

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4278 IKSEMICON-ILE4278 Datasheet
187Kb / 18P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - ILE4278_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com