Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML2035IP Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # ML2035IP
Description  Serial Input Programmable Sine Wave Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2035IP Datasheet(HTML) 7 Page - Fairchild Semiconductor

  ML2035IP Datasheet HTML 1Page - Fairchild Semiconductor ML2035IP Datasheet HTML 2Page - Fairchild Semiconductor ML2035IP Datasheet HTML 3Page - Fairchild Semiconductor ML2035IP Datasheet HTML 4Page - Fairchild Semiconductor ML2035IP Datasheet HTML 5Page - Fairchild Semiconductor ML2035IP Datasheet HTML 6Page - Fairchild Semiconductor ML2035IP Datasheet HTML 7Page - Fairchild Semiconductor ML2035IP Datasheet HTML 8Page - Fairchild Semiconductor ML2035IP Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ML2035
REV. 1.0 10/10/2000
7
FUNCTIONAL DESCRIPTION (Continued)
SERIAL DIGITAL INTERFACE
The digital interface consists of a shift register and data
latch. The serial 16-bit data word on SID is clocked into a
16-bit shift register on rising edges of the serial shift clock,
SCK. The LSB should be shifted in first and the MSB last as
shown in Figure 4. The data that has been shifted into the
shift register is loaded into a 16-bit data latch on the
falling edge of LATI. To insure that true data is loaded into
the data latch from the shift register, LATI falling edge
should occur when SCK is low, as shown in figure 1. LATI
should be low while shifting data into the shift register to
avoid inadvertently entering the power down mode. Note
that all data is entered and latched on the edges, not
levels, of SCK and LATI.
POWER DOWN MODE
The power down mode of the ML2035 can be selected by
entering all zeros in the shift register and applying a logic
“1” to LATI and holding it high. A zero data detect circuit
detects when all bits in the shift register are zeros. In this
state, the power consumption is reduced to 11.5mW max,
and VOUT goes to 0V as shown in Figure 5 and appears as
10k
Ω to ground. The master clock, CLK IN, can be left
active or removed during power down mode.
Figure 4. Serial Interface Timing.
SCK
SID
LATI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Figure 5. Power Down Mode Waveforms.
POWER SUPPLIES
The analog circuits in ML2035 are powered from VCC to
VSS and are referenced to GND. The digital circuits in the
device are powered from VCC to GND.
It is recommended that the power supplies to the device
should be bypassed by placing decoupling capacitors
from VCC to GND and VSS to GND as physically close to
the device as possible.
VOS
0V
POWER DOWN MODE
SCK
SID
LATI
01234567 89 10 11 12 131415


Similar Part No. - ML2035IP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2035IP MICRO-LINEAR-ML2035IP Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
More results

Similar Description - ML2035IP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
Analog Devices
3B42 AD-3B42 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B44 AD-3B44_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B42 AD-3B42_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B43 AD-3B43_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com