Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192990-0460 Datasheet(PDF) 4 Page - ITT Industries

Part # 192990-0460
Description  A historical Achievement of technology Leadership
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192990-0460 Datasheet(HTML) 4 Page - ITT Industries

  192990-0460 Datasheet HTML 1Page - ITT Industries 192990-0460 Datasheet HTML 2Page - ITT Industries 192990-0460 Datasheet HTML 3Page - ITT Industries 192990-0460 Datasheet HTML 4Page - ITT Industries 192990-0460 Datasheet HTML 5Page - ITT Industries 192990-0460 Datasheet HTML 6Page - ITT Industries 192990-0460 Datasheet HTML 7Page - ITT Industries 192990-0460 Datasheet HTML 8Page - ITT Industries 192990-0460 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
4
The ITT “Engineered Blocks” symbol and the composite ITT
logo are registered trademarks of ITT Industries. © 2008
Interconnect Technologies & Solutions
for the Transportation Industry
For over 90 years, ITT has been developing innovative solutions for harsh environment
applications. We have a proven track record of demonstrating our expertise and commitment
to the transportation industry, offering the broadest portfolio of interconnect products.
Off-Road / Heavy Vehicle
Our interconnect range includes sealed circulars, plastic and metal shell bayonet coupling circulars,
miniature metal shell circulars, PC board header connectors and sensor and direct device connectors.
ITT is also a system supplier, providing value-added module and harness assemblies.
Cannon MLC
The MLC is a modular landed contact system
featuring a plug only assembly. The plug
housing interfaces directly with the PCB,
achieving cost savings of over 30%.
In addition to our Trident series,
we also offer these connectivity solutions:
Cannon SLC/SLE
Environmentally sealed connector created
for printed circuit board, black box,
cable-to-cable or bulkhead applications.
VEAM VBN
Completely intermateable with VEAM
VG95234/CIR reverse bayonet connectors.
Cannon APD
In-line and bulkhead connectors resistant
to harsh environmental conditions
(contaminants, vibration and shock).
Cannon Sure Seal
Sure Seal is a series of rugged, IP 67 proof
connectors. The one piece molded body pro-
vides integrated sealing and excellent vibra-
tion resistance.


Similar Part No. - 192990-0460

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0460 ITT-192990-0460 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
More results

Similar Description - 192990-0460

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMN-25S-N-A197 ITT-DBMN-25S-N-A197 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DEMP2C2P-JK87 ITT-DEMP2C2P-JK87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMM-9W4P ITT-DBMM-9W4P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DCMM8W8P ITT-DCMM8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DDMN-50P-N-K87 ITT-DDMN-50P-N-K87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
M85049 ITT-M85049 Datasheet
2Mb / 28P
   A Historical Achievement of Technology Leadership
DBMC13C3SJA197 ITT-DBMC13C3SJA197 Datasheet
4Mb / 103P
   A Historical Achievement of Technology Leadership
DCMM-8W8P ITT-DCMM-8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com