Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILE4267 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # ILE4267
Description  5-V Low-Drop Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4267 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  ILE4267 Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 8Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ILE4267
January, 2011, Rev. 01
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives the
base of the series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturating of the power element.
A comparator in the reset-generator block compares a reference that is independent of
the input voltage to the scaled-down output voltage. If this reaches a value of 4.5 V, the
reset-delay capacitor is discharged and then the reset output is set Low. As the output
voltage increases again, the reset-delay capacitor is charged with constant current from
VQ = 4.5 V onwards. When the capacitor voltage reaches the upper switching threshold,
reset goes High again. The reset delay can be set within wide range by selection of the
external capacitor. With the integrated tum-ON/tum-OFF logic it is simple to implement
delayed tum-OFF without external components.
Truth Table for Turn-ON/Turn-OFF Logic
E2, Inhibit
Hold
VQ
Remarks
L
X
OFF
Initial state. Inhibit internally pulled up
H
X
ON
Regulator switched on via Inhibit, by ignition for example
H
L
ON
Hold clamped active to ground by controller while Inhibit is still high
X
L
ON
Previous state remains, even ignition is shut off: self-holding state
L
L
ON
Ignition shut off while regulator is in self-holding state
L
H
OFF
Regulator shut down by releasing of Hold while Inhibit remains Low, final
state. No active clamping required by external self-holding circuit (
µC)
to keep regulator shut off.
Inhibit: E2 Enable function, active High
Hold: E6 Hold and release function, active Low
Pin Definitions and Functions
Pin
Symbol
Function
1
I
Input; block to ground directly at the IC by a ceramic capacitor
2
E2
Inhibit; device is turned-ON by High signal on this pin; internal pulldown resistor of 100
k
3
R
Reset Output; open-collector output internally connected to the output via a resistor of 30
k
4
GND
Ground; connected to rear of chip
5
D
Reset Delay; connect with capacitor to GND for setting delay
6
E6
Hold; see truth table above for function; this input is connected to output voltage across
puliup resistor of 50 k
7
Q
5-V Output; block to GND with 22-
µF capacitor, ESR < 3 Ω


Similar Part No. - ILE4267

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
ILE4267G IKSEMICON-ILE4267G Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
ILE4267S IKSEMICON-ILE4267S Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
More results

Similar Description - ILE4267

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com