Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILE4266-2 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # ILE4266-2
Description  5V/10 V Low-Drop Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4266-2 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  ILE4266-2 Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4266-2 Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4266-2 Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4266-2 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4266-2 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ILE4266-2
January, 2011, Rev. 01
Pin Definitions and Functions
Pin
Symbol
Function
PIN CONFIGURATION
1
VI
Input voltage; block to ground
directly at the IC with a ceramic
capacitor.
2
Inh
Inhibit; low-active input.
3
VQ
Output voltage; block to ground
with a capacitor. C
≥10 uF.
4
GND
Ground
Circuit Description
The device produces a precise reference voltage, that is very accurate due to resistor
adjustment. A control amplifier compares the divided output voltage to this reference
voltage and drives the base of the PNP series transistor through a buffer.
Saturation control as a function of the load current prevents any oversaturation of the
power element. The IC also incorporates a number of protection circuitry for:
Overload
Overtemperature
Reverse polarity


Similar Part No. - ILE4266-2

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4266-2 IKSEMICON-ILE4266-2 Datasheet
106Kb / 9P
   5 V Low-Drop Voltage Regulator
ILE4266-2G IKSEMICON-ILE4266-2G Datasheet
106Kb / 9P
   5 V Low-Drop Voltage Regulator
More results

Similar Description - ILE4266-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
L4995 STMICROELECTRONICS-L4995 Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AKTR STMICROELECTRONICS-L4995AKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4266 INFINEON-TLE4266_08 Datasheet
212Kb / 14P
   5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
Rev. 2.5, 2008-03-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com