Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66388A2000T001 Datasheet(PDF) 3 Page - EPCOS

Part # B66388A2000T001
Description  Ferrites accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66388A2000T001 Datasheet(HTML) 3 Page - EPCOS

  B66388A2000T001 Datasheet HTML 1Page - EPCOS B66388A2000T001 Datasheet HTML 2Page - EPCOS B66388A2000T001 Datasheet HTML 3Page - EPCOS B66388A2000T001 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Cautions and warnings
SMP IN FER
D PD
January 2011
Please read Cautions and warnings and
Page 3 of 4
Important notes at the end of this document
.
Cautions and warnings
Mechanical stress and mounting
Ferrite cores have to meet mechanical requirements during assembly and for a growing number of
applications. Since ferrites are ceramic materials one has to be aware of their special behavior under
mechanical load.
Just like any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or
tensile load. Especially fast cooling rates under ultrasonic cleaning, high static and cyclic loads can
cause cracks or failure of the ferrite cores.
For detailed information see Data Book 2007, chapter “General – Definitions, 8.1”.
Effects of core combination on AL value
Stresses in the core affect not only the mechanical but also the magnetic properties. It is apparent
that the initial permeability is dependent on the stress state of the core. The higher the stresses are in
the core, the lower the value for the initial permeability. Thus, the embedding medium should offer the
greatest possible elasticity.
For detailed information see Data Book 2007, chapter “General – Definitions, 8.2”.
Heating up
Ferrites can run hot during operation at higher flux densities and higher frequencies.
NiZn-materials
The magnetic properties of NiZn-materials can change irreversibly when exposed to strong magnetic
fields.
Processing notes
– The start of the winding process should be soft. Otherwise, the flanges may be destroyed.
– Excessive winding forces may damage the flanges or squeeze the tube so that the cores can no
longer be mounted.
– Excessive soldering time at high temperature (>300 °C) may affect coplanarity or pin arrangement.
– Not following the processing notes for soldering of the J-leg terminals may cause solderability
problems at the transformer because of contamination with tin oxide (SnO) from the tin bath or
burned insulation from the wire. For detailed information see Data Book 2007, chapter “Processing
notes, 2.2”.
– The dimensions of the pin hole arrangement are fixed and should be understood as an ideal
recommendation for drilling the printed circuit board. In order to avoid problems when mounting the
transformer, customers should make allowances for manufacturing tolerances in the drilling and
pick-and-place processes by increasing the diameter of the pin holes.


Similar Part No. - B66388A2000T001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66388A2000T001 EPCOS-B66388A2000T001 Datasheet
765Kb / 4P
   Ferrites accessories
B66388A2000T001 EPCOS-B66388A2000T001 Datasheet
240Kb / 8P
   Ferrites and accessories
logo
TDK Electronics
B66388A2000T001 TDK-B66388A2000T001 Datasheet
409Kb / 4P
   Ferrites accessories
More results

Similar Description - B66388A2000T001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66388A2000T001 EPCOS-B66388A2000T001 Datasheet
765Kb / 4P
   Ferrites accessories
logo
TDK Electronics
B66388A2000T001 TDK-B66388A2000T001 Datasheet
409Kb / 4P
   Ferrites accessories
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com