Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCH-106D2H001 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCH-106D2H001
Description  5 - 10 Amp Miniature 1 Form A or C Power PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCH-106D2H001 Datasheet(HTML) 2 Page - Tyco Electronics

  PCH-106D2H001 Datasheet HTML 1Page - Tyco Electronics PCH-106D2H001 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
419
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
2 – .047
(1.20)
.300
(7.6)
.400
(10.16)
.200
(5.08)
.100
(2.54)
3 – .059
(1.50)
Typical Part Number
B
PCH
-1
12
D
2
H
,001
1. Basic Series:
PCH = Miniature 1 Form C relay
2. Termination:
1 = 1 pole
3. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
4. Coil Input:
D = Standard 400mW
L = Sensitive 200mW (Only available with 1 Form A contacts)
5. Contact Material:
2 = AgSnO
6. Contact Arrangement:
Blank = 1 Form C (Only available with Standard 400mW coil)
M = 1 Form A
7. Enclosure:
Blank = Vented (Flux-tight) cover
H = Sealed plastic case
8. Insulation class:
Blank = Class 155(F) system
9. Option:
,001 = Standard model
Other Suffix = Special options
.78
(19.8)
.157
(4.0)
.008
(.2)
.043
(1.10)
.300
(7.6)
.400
(10.16)
.018
(.45)
.009
(.24)
.200
(5.08)
.39
(9.90)
.598
(15.2)
.100
(2.54)
.031
(.8)
.031
(.8)
.031
(.8)
0.32
0.4
0.48
0.56
0.6
0.72
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Operate Time
Release Time
40
50
60
70
30
20
10
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
100
Contact Current (A)
10
1
0
1
2
34
5
6
7
8
910
Ordering Information
Outline Dimensions
Reference Data (Typical Values)
(Only applicable for 1 Form C, 400mW coil model with 277VAC load on NO)
Coil Temperature Rise
Operate Time
Life Expectancy
Wiring Diagram (Bottom View)
NOTE: Only necessary terminals are present on 1 Form A models.
PC Board Layout (Bottom View)
NOTE: Only necessary terminals are present on 1 Form A models.
PCH-105D2H,001
PCH-112D2H,001
PCH-124D2H,001
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.


Similar Part No. - PCH-106D2H001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCH-106D2 MACOM-PCH-106D2 Datasheet
127Kb / 3P
   Miniature Power PCB Relay
PCH-106D2 MACOM-PCH-106D2 Datasheet
134Kb / 3P
   Miniature Power PCB Relay PCH
PCH-106D2-WG MACOM-PCH-106D2-WG Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
TE Connectivity Ltd
PCH-106D2000 TEC-PCH-106D2000 Datasheet
1Mb / 3P
   Miniature PCB Relay PCH
04-2012, Rev.
logo
Tyco Electronics
PCH-106D2M MACOM-PCH-106D2M Datasheet
127Kb / 3P
   Miniature Power PCB Relay
More results

Similar Description - PCH-106D2H001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCH-124L2MH MACOM-PCH-124L2MH Datasheet
143Kb / 2P
   5 - 10 Amp Miniature 1 Form A or C Power PC Board Relay
SDT MACOM-SDT Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-SS-112DM MACOM-SDT-SS-112DM Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
PCE-124D1M MACOM-PCE-124D1M Datasheet
113Kb / 2P
   10 Amp Miniature Power PC Board Relay
ORWH-SH-112DM MACOM-ORWH-SH-112DM Datasheet
49Kb / 2P
   10 Amp Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
2-1393223-8 MACOM-2-1393223-8 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com