Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD2415TP Datasheet(PDF) 1 Page - Crydom Inc.,

Part # UPD2415TP
Description  PCB Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

UPD2415TP Datasheet(HTML) 1 Page - Crydom Inc.,

  UPD2415TP Datasheet HTML 1Page - Crydom Inc., UPD2415TP Datasheet HTML 2Page - Crydom Inc., UPD2415TP Datasheet HTML 3Page - Crydom Inc., UPD2415TP Datasheet HTML 4Page - Crydom Inc., UPD2415TP Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UPD24TP Series
• SIP SSR
• 3 Output Channels in one Package with common control input
• Ratings per channel of 15A @ 280 VAC
• PCB Mount Package or Panel Mount quick connect terminals (F option)
• SCR output for heavy industrial loads
• Zero-crossing (resistive loads) or random-fire (inductive loads) output
• Low Leakage (snubberless) output
PRODUCT SELECTION
Control Voltage
15A
15A
4.5-8 VDC
UPD2415TP
UPD2415TP-10
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description (Per Channel)
UPD2415TP
UPD2415TP-10
Operating Voltage (47-440Hz) [Vrms]
24-280
24-280
Maximum Load Current [Arms](3)
15
15
Minimum Load Current [mArms]
150
150
Transient Overvoltage [Vpk]
600
600
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
239/250
239/250
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
Thermal Resistance Junction to Case [°C/W]
1.02
1.02
Maximum I² t for fusing (50/60Hz, 1/2 cycle) [A² sec]
285/259
285/259
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
0.1
0.1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
500
500
Minimum Power Factor (with Maximum Load)
0.5
0.5
INPUT SPECIFICATIONS (1)
Description
UPD2415TP
UPD2415TP-10
Control Voltage Range
4.5-8 VDC
4.5-8 VDC
Must Turn On Voltage
4.5 VDC
4.5 VDC
Must Turn Off Voltage
1.0 VDC
1.0 VDC
Typical Input Current @ 5 VDC
14 mAdc
14 mAdc
Nominal Input Impedance
100 Ohm
100 Ohm
Maximum Turn-On Time [msec]
1/2 Cycle
0.02
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle


Similar Part No. - UPD2415TP

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
UPD2415TP CRYDOM-UPD2415TP Datasheet
697Kb / 4P
   SIP SSR 3 Output Channels in one Package with common control input
UPD2415TP CRYDOM-UPD2415TP Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
UPD2415TP CRYDOM-UPD2415TP Datasheet
572Kb / 5P
   PCB Mount
UPD2415TP-10 CRYDOM-UPD2415TP-10 Datasheet
697Kb / 4P
   SIP SSR 3 Output Channels in one Package with common control input
UPD2415TP-10 CRYDOM-UPD2415TP-10 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - UPD2415TP

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com