Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66383 Datasheet(PDF) 2 Page - EPCOS

Part # B66383
Description  Ferrites and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66383 Datasheet(HTML) 2 Page - EPCOS

  B66383 Datasheet HTML 1Page - EPCOS B66383 Datasheet HTML 2Page - EPCOS B66383 Datasheet HTML 3Page - EPCOS B66383 Datasheet HTML 4Page - EPCOS B66383 Datasheet HTML 5Page - EPCOS B66383 Datasheet HTML 6Page - EPCOS B66383 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Size based on US lam. size E cores
US designation E 625
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.38 mm–1
le
= 89 mm
Ae
= 233 mm2
Amin = 226 mm2
Ve
= 20700 mm3
Approx. weight 106 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
Calculation factors (for formulas, see “E cores: general information” )
Validity range:
K1, K2: 0.10 mm < s < 3.00 mm
K3, K4: 170 nH < AL < 1640 nH
Mate-
rial
AL value
nH
e
BS*
mT
PV
W/set
Ordering code
N27
5100 +30/–20%
1550 320
< 3.95 (200 mT, 25 kHz, 100 °C) B66383G0000X127
N87
5600 +30/–20%
1690 320
< 11.10 (200 mT, 100 kHz, 100 °C) B66383G0000X187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
364
–0.773
579
–0.847
538
–0.865
N87
364
–0.773
562
–0.796
524
–0.873
B66383
Core
E 47/20/16


Similar Part No. - B66383

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66383 EPCOS-B66383 Datasheet
74Kb / 2P
   E 47/20/16 Core
B66383 EPCOS-B66383 Datasheet
107Kb / 4P
   Ferrites and accessories
logo
TDK Electronics
B66383 TDK-B66383 Datasheet
357Kb / 7P
   Ferrites and accessories
logo
EPCOS
B66383-G-X127 EPCOS-B66383-G-X127 Datasheet
74Kb / 2P
   E 47/20/16 Core
B66383-G-X187 EPCOS-B66383-G-X187 Datasheet
74Kb / 2P
   E 47/20/16 Core
More results

Similar Description - B66383

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com