Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7424D Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7424D
Description  Four Channel LIN Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7424D Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7424D Datasheet HTML 1Page - ON Semiconductor NCV7424D Datasheet HTML 2Page - ON Semiconductor NCV7424D Datasheet HTML 3Page - ON Semiconductor NCV7424D Datasheet HTML 4Page - ON Semiconductor NCV7424D Datasheet HTML 5Page - ON Semiconductor NCV7424D Datasheet HTML 6Page - ON Semiconductor NCV7424D Datasheet HTML 7Page - ON Semiconductor NCV7424D Datasheet HTML 8Page - ON Semiconductor NCV7424D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCV7424
http://onsemi.com
4
TYPICAL APPLICATION
Figure 2. Application Diagram, Four LIN Master Nodes
KL30
KL31
LINx
Micro
controller
RxDx
TxDx
EN
VBAT
GND
NCV7424
LINx
4
4
4
4
4
VCC
2.7 V to
5 V
GND
GND
4
5.1k
LIN BUS
1,2,3,4
GND
1k
1nF
4
RB 20111103
VBB
VBB
Table 3. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VBB
Voltage on Pin VBB
−0.3
45
V
VLINx
LINx Bus Voltage (LIN1-4)
−45
45
V
V_Dig_IO
DC Input Voltage on Pins (EN, RxD1-4, TxD1-4)
−0.3
6
V
TJ
Maximum Junction Temperature
−40
150
°C
VESD
HBM (All Pins) (Note 4)
Conform to EIA−JESD22−A114−B
−4
4
kV
CDM (All Pins)
According to ESD STM 5.3.1−1999
−750
750
V
HBM (LINx and VBB) (Note 4)
−8
8
kV
System HBM (LINx and VBB) (Note 5)
Conform to EIC 61000−4−2
−10
10
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
4. Equivalent to discharging a 100 pF capacitor through a 1.5 kW resistor.
5. Equivalent to discharging a 150 pF capacitor through a 330 W resistor. System HBM levels are verified by an external test−house.


Similar Part No. - NCV7424D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7424DB0R2G ONSEMI-NCV7424DB0R2G Datasheet
178Kb / 12P
   Four Channel LIN Transceiver
August, 2013 ??Rev. 0
NCV7424DB0R2G ONSEMI-NCV7424DB0R2G Datasheet
138Kb / 12P
   Four Channel LIN Transceiver
May, 2015 ??Rev. 2
More results

Similar Description - NCV7424D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7424 ONSEMI-NCV7424_15 Datasheet
138Kb / 12P
   Four Channel LIN Transceiver
May, 2015 ??Rev. 2
NCV7424 ONSEMI-NCV7424 Datasheet
178Kb / 12P
   Four Channel LIN Transceiver
August, 2013 ??Rev. 0
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Melexis Microelectronic...
MLX80001 MELEXIS-MLX80001 Datasheet
861Kb / 28P
   4-channel Master LIN Transceiver
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com