Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66362B1014T001 Datasheet(PDF) 4 Page - EPCOS

Part # B66362B1014T001
Description  Ferrites and accessories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66362B1014T001 Datasheet(HTML) 4 Page - EPCOS

  B66362B1014T001 Datasheet HTML 1Page - EPCOS B66362B1014T001 Datasheet HTML 2Page - EPCOS B66362B1014T001 Datasheet HTML 3Page - EPCOS B66362B1014T001 Datasheet HTML 4Page - EPCOS B66362B1014T001 Datasheet HTML 5Page - EPCOS B66362B1014T001 Datasheet HTML 6Page - EPCOS B66362B1014T001 Datasheet HTML 7Page - EPCOS B66362B1014T001 Datasheet HTML 8Page - EPCOS B66362B1014T001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former (magnetic axis horizontal)
Material:
GFR polyterephthalate, UL 94 V-0, insulation class to IEC 60085:
B66362B: F
max. operating temperature 155 °C, color code black
Valox 420-SE0® E45329 (M), GE PLASTICS B V
B66362W: H
max. operating temperature 180 °C, color code black
Rynite FR 530® E41938 (M), E I DUPONT DE NEMOURS & CO INC
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
Yoke
Material:
Stainless spring steel (0.4 mm)
Coil former
Yoke
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value

Pins
1
122
60.5
17
14
B66362B1014T001
B66362W1014T001
Yoke (ordering code per piece, 2 are required)
B66362A2000X000
B66362
Accessories
ETD 34/17/11


Similar Part No. - B66362B1014T001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66362B1014T001 EPCOS-B66362B1014T001 Datasheet
150Kb / 6P
   ETD 34/17/11 Core
B66362B1014T001 EPCOS-B66362B1014T001 Datasheet
93Kb / 7P
   Ferrites and accessories
B66362B1014T001 EPCOS-B66362B1014T001 Datasheet
93Kb / 7P
   Ferrites and accessories
More results

Similar Description - B66362B1014T001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com