Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGB1010402 Datasheet(PDF) 1 Page - Littelfuse

Part # PGB1010402
Description  PulseGuard짰 Suppressors Surface Mount Polymeric ESD Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PGB1010402 Datasheet(HTML) 1 Page - Littelfuse

  PGB1010402 Datasheet HTML 1Page - Littelfuse PGB1010402 Datasheet HTML 2Page - Littelfuse PGB1010402 Datasheet HTML 3Page - Littelfuse PGB1010402 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.littelfuse.com
©2011 Littelfuse
PGB1 Series
Specifications are subject to change without notice.
1
Revised: January 11, 2012
PulseGuard® Suppressors
Surface Mount Polymeric ESD Suppressors
3
2
1
PulseGuard ESD Suppressors help protect sensitive
electronic equipment against electrostatic discharge (ESD).
They supplement the on-chip protection of integrated
circuitry and are best suited for low-voltage, high-speed
applications where low capacitance is important. Data ports
utilizing such high-speed protocols as USB 2.0, IEEE1394,
HDMI and DVI can benefit from this new technology.
PulseGuard suppressors use polymer composite materials
to suppress fast-rising ESD transients (as specified in IEC
61000-4-2), while adding virtually no capacitance to the
circuit.
Description
Features
Applications
Computer
and available halogen-free
5000 and 10000 piece
Equivalent Circuits
2
1
0402 and 0603 Devices
SOT23 Device
Product Characteristics
Part Number
Lines
Protected
Component
Package
Available as
Halogen-Free
PGB1010402
1
0402
1
PGB1010603
1
0603
Yes
PGB102ST23
2
SOT23
Yes
Electrical Characteristics
Specification
PGB1010402
PGB1010603
PGB102ST23
Notes
ESD Capability:
IEC 61000-4-2 Contact Discharge
1000V
500V
500V
Measured per IEC 61000-4-2
2
Clamping Voltage (typical)
250V
150V
150V
Measured per IEC 61000-4-2
2, at 25 nsec.
12VDC
24VDC
24VDC
Capacitance (typical)
Measured at 250 MHz
<1nS
<1nS
<1nS
100 pulses min
1000 pulses min
1000 pulses min
Some shifting in characteristics may
occur when tested over multiple
pulses at a very rapid rate
PGB1 Series Halogen-Free / Lead-Free


Similar Part No. - PGB1010402

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
699Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
466Kb / 4P
   Low leakage current, Fast response time
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
More results

Similar Description - PGB1010402

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB102ST23WR LITTELFUSE-PGB102ST23WR Datasheet
164Kb / 2P
   PulseGuard Suppressors - Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
699Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB2010402KRHF LITTELFUSE-PGB2010402KRHF Datasheet
556Kb / 5P
   Surface Mount Polymeric ESD Suppressors
XGD10603NR LITTELFUSE-XGD10603NR Datasheet
1Mb / 4P
   Surface Mount Polymeric Electrostatic Discharge Suppressors
AXGD10402 LITTELFUSE-AXGD10402 Datasheet
1Mb / 4P
   Surface Mount Polymeric Electrostatic Discharge Suppressors
2020 Littelfuse, Inc
XGD10402 LITTELFUSE-XGD10402 Datasheet
1Mb / 4P
   Surface Mount Polymeric Electrostatic Discharge Suppressors
2020 Littelfuse, Inc
logo
Socay Electornics Co., ...
ESD0402LC05N15 SOCAY-ESD0402LC05N15 Datasheet
166Kb / 4P
   Surface Mount Polymer ESD Suppressors
ESD0201LC05N15 SOCAY-ESD0201LC05N15 Datasheet
159Kb / 4P
   Surface Mount Polymer ESD Suppressors
ESD0603E002M05 SOCAY-ESD0603E002M05 Datasheet
184Kb / 4P
   Surface Mount Polymer ESD Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com