Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE170 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MJE170
Description  Low Power Audio Amplifier Low Current, High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MJE170 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MJE170 Datasheet HTML 1Page - Fairchild Semiconductor MJE170 Datasheet HTML 2Page - Fairchild Semiconductor MJE170 Datasheet HTML 3Page - Fairchild Semiconductor MJE170 Datasheet HTML 4Page - Fairchild Semiconductor MJE170 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A2, June 2001
Typical Charactristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Collector Output Capacitance
Figure 4. Turn On Time
Figure 5. Turn Off Time
Figure 6. Safe Operating Area
-0.1
-1
10
100
1000
VCE = -1V
IC[A], COLLECTOR CURRENT
-0.01
-0.1
-1
-10
-100
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
IC/IB=10
IC/IB=5
VBE@VCE= -1V
VCE(sat)
VBE(sat) IC/IB=10
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
1
10
100
1000
f=0.1MHZ
IE=0
VCB[V], COLLECTOR-BASE VOLTAGE
-0.01
-0.1
-1
-10
1
10
100
1000
tR
tD
IC[A], COLLECTOR CURRENT
-0.1
-1
10
100
1000
tF
tSTG
IC[A], COLLECTOR CURRENT
-1
-10
-100
-0.01
-0.1
-1
-10
MJE170
MJE171
MJE172
VCEMAX.
50m
s
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - MJE170

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE170 MOSPEC-MJE170 Datasheet
228Kb / 4P
   POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Nanjing International G...
MJE170 DGNJDZ-MJE170 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
Samsung semiconductor
MJE170 SAMSUNG-MJE170 Datasheet
135Kb / 4P
   PNP (LOW POWER AUDIO AMPLIFIER)
logo
ON Semiconductor
MJE170 ONSEMI-MJE170 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Savantic, Inc.
MJE170 SAVANTIC-MJE170 Datasheet
102Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - MJE170

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE170 FAIRCHILD-KSE170 Datasheet
50Kb / 5P
   Low Power Audio Amplifier Low Current, High Speed Switching Applications
KSE180 FAIRCHILD-KSE180 Datasheet
50Kb / 4P
   Low Power Audio Amplifier Low Current High Speed Switching Applications
MJE180 FAIRCHILD-MJE180 Datasheet
48Kb / 4P
   Low Power Audio Amplifier Low Current High Speed Switching Applications
logo
Continental Device Indi...
CSD882 CDIL-CSD882 Datasheet
136Kb / 3P
   Audio Frequency Power Amplifier and Low Speed Switching Applications
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
   Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
logo
List of Unclassifed Man...
2SD795 ETC-2SD795 Datasheet
42Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
2SD809 ETC-2SD809 Datasheet
39Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
First Silicon Co., Ltd
FTB772 FS-FTB772 Datasheet
117Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com