Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7256SQC160-15 Datasheet(PDF) 7 Page - Altera Corporation

Part # EPM7256SQC160-15
Description  High-performance, EEPROM-based programmable logic devices PLDs) based on second-generation MAX architecture
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7256SQC160-15 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EPM7256SQC160-15 Datasheet HTML 3Page - Altera Corporation EPM7256SQC160-15 Datasheet HTML 4Page - Altera Corporation EPM7256SQC160-15 Datasheet HTML 5Page - Altera Corporation EPM7256SQC160-15 Datasheet HTML 6Page - Altera Corporation EPM7256SQC160-15 Datasheet HTML 7Page - Altera Corporation EPM7256SQC160-15 Datasheet HTML 8Page - Altera Corporation EPM7256SQC160-15 Datasheet HTML 9Page - Altera Corporation EPM7256SQC160-15 Datasheet HTML 10Page - Altera Corporation EPM7256SQC160-15 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Altera Corporation
7
MAX 7000 Programmable Logic Device Family Data Sheet
The MAX 7000 architecture includes four dedicated inputs that can
be used as general-purpose inputs or as high-speed, global control
signals (clock, clear, and two output enable signals) for each
macrocell and I/O pin. Figure 1 shows the architecture of EPM7032,
EPM7064, and EPM7096 devices.
Figure 1. EPM7032, EPM7064 & EPM7096 Device Block Diagram
I/O
Control
Block
8 to 16
I/O pins
8 to 16
8 to 16
16
36
I/O
Control
Block
8 to 16
8 to 16
I/O pins
36
8 to 16
16
8 to 16
8 to 16
I/O pins
36
8 to 16
16
I/O
Control
Block
I/O
Control
Block
8 to 16
I/O pins
8 to 16
8 to 16
16
36
LAB A
LAB B
LAB C
Macrocells
33 to 48
LAB D
INPUT/GCLRn
INPUT/OE1
INPUT/OE2
Macrocells
17 to 32
Macrocells
49 to 64
PIA
INPUT/GLCK1
Macrocells
1 to 16


Similar Part No. - EPM7256SQC160-15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7256SQC208-15 ALTERA-EPM7256SQC208-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7256SQC160-15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128AETC100-10 ALTERA-EPM7128AETC100-10 Datasheet
1,007Kb / 64P
   High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX
EPM7256AETI100-7 ALTERA-EPM7256AETI100-7 Datasheet
1,007Kb / 64P
   High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX
logo
ATMEL Corporation
TSC695FL ATMEL-TSC695FL_14 Datasheet
3Mb / 42P
   Integer Unit Based on SPARC V7 High-performance RISC Architecture
TSC695F ATMEL-TSC695F_14 Datasheet
2Mb / 42P
   Integer Unit Based on SPARC V7 High-performance RISC Architecture
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15 Datasheet
44Kb / 4P
   Streamlined features based on Virtex architecture
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
   single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Analog Devices
ADZS-HPUSB-ICE AD-ADZS-HPUSB-ICE Datasheet
1Mb / 2P
   Analog Devices USB-Based Emulator and High Performance USB-Based Emulator
logo
Xilinx, Inc
XC7300FM XILINX-XC7300FM Datasheet
119Kb / 10P
   High-performance Erasable Programmable Logic Devices
logo
ATMEL Corporation
ATF15XXAE ATMEL-ATF15XXAE Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
logo
NXP Semiconductors
CBTL06GP213 NXP-CBTL06GP213 Datasheet
289Kb / 19P
   Second-generation high performance general purpose switch
Rev. 3.1 ??13 December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com