Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM3032ATC100-5N Datasheet(PDF) 6 Page - Altera Corporation

Part # EPM3032ATC100-5N
Description  High?뱎erformance, low?밹ost CMOS EEPROM?밷ased programmable
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3032ATC100-5N Datasheet(HTML) 6 Page - Altera Corporation

Back Button EPM3032ATC100-5N Datasheet HTML 2Page - Altera Corporation EPM3032ATC100-5N Datasheet HTML 3Page - Altera Corporation EPM3032ATC100-5N Datasheet HTML 4Page - Altera Corporation EPM3032ATC100-5N Datasheet HTML 5Page - Altera Corporation EPM3032ATC100-5N Datasheet HTML 6Page - Altera Corporation EPM3032ATC100-5N Datasheet HTML 7Page - Altera Corporation EPM3032ATC100-5N Datasheet HTML 8Page - Altera Corporation EPM3032ATC100-5N Datasheet HTML 9Page - Altera Corporation EPM3032ATC100-5N Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
Altera Corporation
MAX 3000A Programmable Logic Device Family Data Sheet
Macrocells
MAX 3000A macrocells can be individually configured for either
sequential or combinatorial logic operation. Macrocells consist of three
functional blocks: logic array, product–term select matrix, and
programmable register. Figure 2 shows a MAX 3000A macrocell.
Figure 2. MAX 3000A Macrocell
Combinatorial logic is implemented in the logic array, which provides
five product terms per macrocell. The product–term select matrix
allocates these product terms for use as either primary logic inputs (to the
OR
and XOR gates) to implement combinatorial functions, or as secondary
inputs to the macrocell’s register preset, clock, and clock enable control
functions.
Two kinds of expander product terms (“expanders”) are available to
supplement macrocell logic resources:
Shareable expanders, which are inverted product terms that are fed
back into the logic array
Parallel expanders, which are product terms borrowed from adjacent
macrocells
The Altera development system automatically optimizes product–term
allocation according to the logic requirements of the design.
Product-
Term
Select
Matrix
36 Signals
from PIA
16 Expander
Product Terms
LAB Local Array
Parallel Logic
Expanders
(from other
macrocells)
Shared Logic
Expanders
Clear
Select
Global
Clear
Global
Clocks
Clock/
Enable
Select
2
PRN
CLRN
Q
ENA
Register
Bypass
To I/O
Control
Block
To PIA
Programmable
Register
VCC
D/T


Similar Part No. - EPM3032ATC100-5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3032ATC44-10 ALTERA-EPM3032ATC44-10 Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3032ATC44-10N ALTERA-EPM3032ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3032ATC44-10N ALTERA-EPM3032ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3032ATC44-4 ALTERA-EPM3032ATC44-4 Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3032ATC44-4N ALTERA-EPM3032ATC44-4N Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3032ATC100-5N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
ATMEL Corporation
ATAM893-D ATMEL-ATAM893-D_14 Datasheet
1Mb / 98P
   EEPROM Programmable Options
logo
List of Unclassifed Man...
HI3104A ETC2-HI3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
EUROQUARTZ limited
EMEM8003 EUROQUARTZ-EMEM8003 Datasheet
272Kb / 5P
   Programmable Low Power Precision CMOS
EMEM8004 EUROQUARTZ-EMEM8004 Datasheet
273Kb / 5P
   Programmable Low Power Precision CMOS
logo
Micrel Semiconductor
DSC8002 MICREL-DSC8002 Datasheet
620Kb / 8P
   Programmable Low-Power CMOS Oscillator
logo
Texas Instruments
LMK61E2 TI1-LMK61E2_16 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com