Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL33035 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IL33035
Description  BRUSHLESS DCMOTOR CONTROLLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL33035 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IL33035 Datasheet HTML 1Page - IK Semicon Co., Ltd IL33035 Datasheet HTML 2Page - IK Semicon Co., Ltd IL33035 Datasheet HTML 3Page - IK Semicon Co., Ltd IL33035 Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
2011, February, Rev. 01
BRUSHLESS DC MOTOR CONTROLLER
The IL33035 is a high performance second generation
monolithic brushless DC motor controller containing all of the
active functions required to implement a full featured open
loop, three or four phase motor control system. This device
consists of a rotor position decoder for proper commutation
sequencing, temperature compensated reference capable of
supplying sensor power, frequency programmable sawtooth
oscillator, three open collector top drivers, and three high
current totem pole bottom drivers ideally suited for driving
power MOSFETs.
Also
included
are
protective
features
consisting
of
undervoltage lockout, cycle-by-cycle current limiting with a
selectable time delayed latched shutdown mode, internal
thermal shutdown, and a unique fault output that can be
interfaced into microprocessor controlled systems.
Typical motor control functions include open loop speed,
forward or reverse direction, run enable, and dynamic braking.
The MC33035 is designed to operate with electrical sensor
phasings of 60°/300° or 120°/240°, and can also efficiently
control brush DC motors
FEATURES
• 10 to 30 V Operation
• Undervoltage Lockout
• 6.25V Reference Capable of Supplying Sensor Power
• Fully Accessible Error Amplifier for Closed Loop Servo Applications
• High Current Drivers Can Control External 3-Phase MOSFET Bridge
• Cycle-By-Cycle Current Limiting
• Pinned-Out Current Sense Reference
• Internal Thermal Shutdown
• Selectable 60°/300° or 120°/240° Sensor Phasings
• Can Efficiently Control Brush DC Motors with External MOSFET H-Bridge
IL33035


Similar Part No. - IL33035

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
IK Semicon Co., Ltd
IL33035 IKSEMICON-IL33035 Datasheet
138Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
More results

Similar Description - IL33035

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS33035 SS-SIS33035 Datasheet
3Mb / 9P
   Brushless Motor Controller
Rev 1.0 25/10/22
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
MC33035 ONSEMI-MC33035 Datasheet
649Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
April, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com