Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT6W Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MCT6W
Description  DUAL PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT6W Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MCT6W Datasheet HTML 1Page - Fairchild Semiconductor MCT6W Datasheet HTML 2Page - Fairchild Semiconductor MCT6W Datasheet HTML 3Page - Fairchild Semiconductor MCT6W Datasheet HTML 4Page - Fairchild Semiconductor MCT6W Datasheet HTML 5Page - Fairchild Semiconductor MCT6W Datasheet HTML 6Page - Fairchild Semiconductor MCT6W Datasheet HTML 7Page - Fairchild Semiconductor MCT6W Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10/20/04
Page 3 of 8
© 2003 Fairchild Semiconductor Corporation
DUAL PHOTOTRANSISTOR
OPTOCOUPLERS
MCT6
MCT61
MCT62
Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
05
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCE = 5.0V
TA = 25˚C
Normalized to
IF = 10 mA
Normalized CTR vs. Ambient Temperature
-75
-50
-25
0
25
50
75
100
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized to
IF = 10 mA
TA = 25˚C
IF = 10 mA
IF = 20 mA
TA - AMBIENT TEMPERATURE (˚C)
TA - AMBIENT TEMPERATURE (˚C)
IF = 5 mA
Dark Current vs. Ambient Temperature
025
50
75
100
125
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
VCE = 10 V


Similar Part No. - MCT6W

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT6 QT-MCT6 Datasheet
430Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Siemens Semiconductor G...
MCT6 SIEMENS-MCT6 Datasheet
53Kb / 3P
   DUAL PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
MCT6 ETC-MCT6 Datasheet
57Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Vishay Siliconix
MCT6 VISHAY-MCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
logo
Fairchild Semiconductor
MCT6 FAIRCHILD-MCT6 Datasheet
475Kb / 9P
   Dual Phototransistor Optocouplers
More results

Similar Description - MCT6W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT9001 FAIRCHILD-MCT9001_04 Datasheet
512Kb / 8P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT6 FAIRCHILD-MCT6_06 Datasheet
475Kb / 9P
   Dual Phototransistor Optocouplers
logo
QT Optoelectronics
MCT6 QT-MCT6 Datasheet
430Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT9001 FAIRCHILD-MCT9001 Datasheet
497Kb / 7P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT9001S FAIRCHILD-MCT9001S Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
MCT9001SD FAIRCHILD-MCT9001SD Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com