Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1601FCT Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # UF1601FCT
Description  ISOLATION UL TRAFAST RECOVERY RECTIFIERS 50 to 800 Volts 16 AmperesCURRENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1601FCT Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF1601FCT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1601FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERIS TIC CURVES
(+)
25Vdc
(approx)
(-)
OSCILLOSCCOPE
NOTE 1
1.R ise Time=7ns max
Input Impedance=1 megohm. 22 pF
2. Rise Time=10ns max.
Source Impedance = 50 Ohms
1
Non
inductive
50
Noninductive
10
Noninductive
PULSE
GENERATOR
NOTE 2
(-)
(+)
+0.5A
0
-0.25
-1.0
SET TIME BASE
FOR10ns/cm
1cm
t
rr
Fig. 2- FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
Fig.4-PEAK FORWARD SURGECURRENT
Fig.3-FORWARD CURRENTDERATING CURVE
100
50
25
1
10
100
NOTES:
Fig.1-REVERSERECOVERY TIM E CHARACTERISTIC AND TEST CIRCUITDIAGRAM
10
1
0.1
0.01
.4
.6
.8
1.0
1.2
1.6
1.8
FORWARD VOLTAGE , VOLTS
75
T=25 C
J
O
175
125
150
1.4
%of PIV. VOLTS
Fig.5- TYPICAL REVE RS E CHARACTERISTICS
1000
100
1.0
20
40
60
80
100
120
T = 25 C
J
O
T = 125 C
J
O
140
0.1
CASETEMPERA TURE, C
O
0
50
100
150
20.0
16.0
12.0
8.0
4.0
0
100
2.0
10
Fig.6-TYPICALJUNCTION CAPACITANCE
REVERSEVOLTAGE, VOLTS
1
2
5 10 20
50 100
250
200
150
100
300
50
0
200 500
T = 25 C
J
O
600-800V
50-200V
300-400V
UF1600CT~UF1604CT
UF1606CT~UF1608CT
UF1600FCT~UF1608FCT
http://www.yeashin.com
2
REV.02 20110725


Similar Part No. - UF1601FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1601FCT PANJIT-UF1601FCT Datasheet
56Kb / 2P
   ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
logo
Won-Top Electronics
UF1601FCT WTE-UF1601FCT Datasheet
49Kb / 3P
   16A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1601FCT WTE-UF1601FCT Datasheet
60Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1601FCT PANJIT-UF1601FCT Datasheet
45Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
UF1601FCT PANJIT-UF1601FCT Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
More results

Similar Description - UF1601FCT

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
UF1000FCT YEASHIN-UF1000FCT Datasheet
40Kb / 2P
   ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
UF1600CT YEASHIN-UF1600CT Datasheet
41Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS 50 to 800 Volts 16 Amperes CURRENT
logo
Micro Commercial Compon...
PF501L MCC-PF501L_08 Datasheet
137Kb / 3P
   50Amp Standard Recovery Rectifier 50 to 800 Volts
logo
Pan Jit International I...
ER800F PANJIT-ER800F Datasheet
55Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 8.0 Amperes)
ER1000FCT PANJIT-ER1000FCT Datasheet
57Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 10.0 Amperes)
logo
GOOD-ARK Electronics
MR850 GOOD-ARK-MR850 Datasheet
154Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 800 Volts Forward Current 3.0 Amperes
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL Datasheet
76Kb / 3P
   1.0 Amp Super Fast Recovery Rectifier 50 to 800 Volts
logo
ON Semiconductor
2N6400 ONSEMI-2N6400_04 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
Pan Jit International I...
UF800F PANJIT-UF800F Datasheet
74Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
UF1600FCT PANJIT-UF1600FCT Datasheet
56Kb / 2P
   ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com