Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0805GRM7W0R001 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # PF0805GRM7W0R001
Description  CURRENT SENSOR - LOW TCR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PF0805GRM7W0R001 Datasheet(HTML) 3 Page - YAGEO Corporation

  PF0805GRM7W0R001 Datasheet HTML 1Page - YAGEO Corporation PF0805GRM7W0R001 Datasheet HTML 2Page - YAGEO Corporation PF0805GRM7W0R001 Datasheet HTML 3Page - YAGEO Corporation PF0805GRM7W0R001 Datasheet HTML 4Page - YAGEO Corporation PF0805GRM7W0R001 Datasheet HTML 5Page - YAGEO Corporation PF0805GRM7W0R001 Datasheet HTML 6Page - YAGEO Corporation PF0805GRM7W0R001 Datasheet HTML 7Page - YAGEO Corporation PF0805GRM7W0R001 Datasheet HTML 8Page - YAGEO Corporation PF0805GRM7W0R001 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
3
10
SERIES
PR/PF/PH
0805/1206/2512/0815
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
(1) The resistors have a 12-digit ordering code starting with 2322.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and
packaging.
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of
“Last digit of 12NC”.
(4) "L" is optional symbol (Note).
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead-Free Process"
2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART NUMBER / 12NC can be added
(both are on customer request)
12NC CODE
2322
XXX XXXXX L
(1)
(2)
(3)
(4)
EMBOSSED (2)
TAPE ON REEL
PAPER (units) (2)
TAPE ON REEL
SIZE TYPE
START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
4,000
4,000
2512 MPRC221 2322
±5% 0.001 to 0.005 Ω 762 94xxx
-
MPRC221 2322
±1% 0.001 to 0.005 Ω 763 95xxx
-
Resistance decade (3)
Last digit
0.001 to 0.005 X
0
Example: 0.005 X = 050
Last digit of 12NC
ORDERING EXAMPLE
The ordering code of a MPRC221
resistor, value 0.005 X with ±5%
tolerance, supplied in tape of
4,000 units per reel is:
232276294050L or
PR2512FKF070R005L.


Similar Part No. - PF0805GRM7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PF0805 YAGEO-PF0805 Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
More results

Similar Description - PF0805GRM7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com