Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF808F Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # UF808F
Description  ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF808F Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF808F Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF808F Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ULT RAFAST SWITCHING RECTIFIERS
VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
Exceeds environmental standards of
MIL-S-19500/228
Low power loss, high efficiency.
Low forwrd voltge, high current capability
High surge capacity.
Ultra fast recovery times, high voltage.
High temperature soldering : 260
OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANICAL DATA
Case: ITO-220AC full molded plastic package
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.08 ounces, 2.26grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
UF800F UF801F UF802F UF803F UF804F UF806F UF808F UF8010F UNITS
Maximum Recurrent Peak Reverse V oltage
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
210
280
420
560
700
V
Maxi mum DC Bl ocking Voltage
50
100
200
300
400
600
800
1000
V
Maximum Average Forward Rectif ied Current at Tc=100°C
8.0
A
Peak Forward Surge Current ,
8.3 ms single half sine- wave
super imposed on rated load (J EDEC method)
125
A
Maximum Instantaneous Forward Vol tage
at 8.0A per element
1.0
1.30
1.50
1.70
V
Maxi mum DC Reverse Cur rent (Note 1) Ta=25°C
at Rated DC Blocking Voltage
Ta=125°C
10
500
µA
Typical Junction Capacitance (Note 1)
80
50
pF
Maximum Reverse Recovery Time (Note 2)
50
75
ns
Typical Thermal Resistance Note R
θJC
15
Operating and Storage Temperature Range TJ
-55 to +150
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounted.
ITO-220AC
Unit:inch(mm)
.161(4.1)
MAX
.130(3.3)
MAX
.185(4.8)
MAX
.272(6.9)
.248(6.3)
.055(1.4)
MAX
.035(0.9)
MAX
.100(2.55)
.543(13.8)
.512(13.0)
.100(2.55)
.114(2.9 )
.098(2.5)
.032(0.8)
MAX
.606(15.4)
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)MAX
.134(3.4)DIA
.113(3.0)DIA
DATA SHEET
UF800F~UF8010F
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C/W


Similar Part No. - UF808F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF808F PANJIT-UF808F Datasheet
74Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Won-Top Electronics
UF808F WTE-UF808F Datasheet
47Kb / 3P
   8.0A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF808F WTE-UF808F Datasheet
49Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF808F PANJIT-UF808F Datasheet
430Kb / 2P
   ISOLATION ULTRAFAST RECOCVEY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF808F CHENG-YI-UF808F Datasheet
171Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIERS
More results

Similar Description - UF808F

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
UF800 YEASHIN-UF800 Datasheet
70Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100S PANJIT-UF100S Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF100 YEASHIN-UF100 Datasheet
79Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF100G YEASHIN-UF100G Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF150 YEASHIN-UF150 Datasheet
41Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Ampere
logo
Pan Jit International I...
1U1 PANJIT-1U1 Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF1000CT YEASHIN-UF1000CT Datasheet
40Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
logo
DAESAN ELECTRONIC CORP.
KBU8A DAESAN-KBU8A Datasheet
181Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com