Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC6PBF Datasheet(PDF) 1 Page - International Rectifier

Part # KBPC6PBF
Description  6A, 8A Single Phase Rectifier Bridge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

KBPC6PBF Datasheet(HTML) 1 Page - International Rectifier

  KBPC6PBF Datasheet HTML 1Page - International Rectifier KBPC6PBF Datasheet HTML 2Page - International Rectifier KBPC6PBF Datasheet HTML 3Page - International Rectifier KBPC6PBF Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Suitable for printed circuit board
or chasis mounting
• Compact construction
• High surge current capability
• Fully characterised data
• Wide temperature range
• Lead-Free ("PbF" suffix)
KBPC6 KBPC8 Units Conditions
I
O
Maximum DC output
6
8.0
A
T
C = 50
o
C, Resistive or inductive load
current
4.7
6.4
A
T
C = 50
o
C, Capacitive load
I
FSM
Maximum peak one
125
125
A
t = 10ms, 20ms
Following any rated
cycle, non-repetitive
137
137
A
t = 8.3ms, 16.7ms load condition and with
surge current
rated V
RRM reapplied
I2t
Maximum I2t capability
78
78
A2s
t = 10ms
Initial T
J = TJ max
for fusing
71
71
A2s
t = 8.3ms
100% V
RRM reapplied
110
110
A2s
t = 10ms
Initial T
J = TJ max
100
100
A2s
t = 8.3ms
no voltage reapplied
I2√t
Maximum I2√t
1105
1105
A2√s t = 0.1 to 10ms,
no voltage reapplied
capability for fusing
V
FM
Maximum peak forward
1.2
1.0
V
I
FM = 3.0A, TJ = 25
o
C
voltage per diode
I
RM
Typical peak reverse
10
10
µA
T
J = 25
o
C, 100% V
RRM
leakage per diode
1.0
1.0
mA
T
J = 150
o
C, 100% V
RRM
V
RRM
Maximum repetitive peak
50 to 1000
V
reverse voltage range
Bulletin U2790 09/05
KBPC6PbF SERIES
KBPC8PbF SERIES
6A, 8A Single Phase Rectifier Bridge
Electrical Specification
Thermal and Mechanical Specifications
KBPC6 KBPC8 Units Conditions
T
J
Operating and storage
-55 to 150
°C
Tstg
temperature range
R
thJC
Thermal resistance,
6
K/W
junctions to case
W
Approximate weight
6(0.21)
g(oz)
Description
The KBPC6PbF, KBPC8PbF Series of Single Phase Rectifier
Bridges consists of four silicon junctions connected as a full
bridge.Thesedevicesareintendedforgeneraluseinindustrial
and consumer equipment.
+
-
~
~
I
O(av)
I
O(av) = 6A, 8 A
V
RRM range
50 to 1000V
Document Number: 94360
www.vishay.com
1


Similar Part No. - KBPC6PBF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC6 SEMTECH-KBPC6 Datasheet
122Kb / 2P
   6.0A SINGLE - PHASE SILICON BRIDGE???
logo
CHENG-YI ELECTRONIC CO....
KBPC6 CHENG-YI-KBPC6 Datasheet
124Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Vishay Siliconix
KBPC6 VISHAY-KBPC6 Datasheet
123Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
KBPC6 VISHAY-KBPC6 Datasheet
121Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
logo
SynSemi, Inc.
KBPC6 SYNSEMI-KBPC6 Datasheet
395Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
More results

Similar Description - KBPC6PBF

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP6-005 FRONTIER-BP6-005 Datasheet
56Kb / 2P
   6A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU8 NELLSEMI-GBU8 Datasheet
159Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 8A
KBJ8 NELLSEMI-KBJ8 Datasheet
231Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 8A
GBU6 NELLSEMI-GBU6 Datasheet
161Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 6A
KBJ6 NELLSEMI-KBJ6 Datasheet
232Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 6A
logo
Frontier Electronics.
BU8-005 FRONTIER-BU8-005 Datasheet
121Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBPC8005 SEMTECH_ELEC-KBPC8005 Datasheet
237Kb / 2P
   8A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
BU8-005-LFR FRONTIER-BU8-005-LFR Datasheet
122Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU8-005 FRONTIER-GBU8-005 Datasheet
124Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU8-005-LFR FRONTIER-GBU8-005-LFR Datasheet
127Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com