Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT61S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MCT61S
Description  DUAL PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT61S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MCT61S Datasheet HTML 1Page - Fairchild Semiconductor MCT61S Datasheet HTML 2Page - Fairchild Semiconductor MCT61S Datasheet HTML 3Page - Fairchild Semiconductor MCT61S Datasheet HTML 4Page - Fairchild Semiconductor MCT61S Datasheet HTML 5Page - Fairchild Semiconductor MCT61S Datasheet HTML 6Page - Fairchild Semiconductor MCT61S Datasheet HTML 7Page - Fairchild Semiconductor MCT61S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DUAL PHOTOTRANSISTOR
OPTOCOUPLERS
MCT6
MCT61
MCT62
10/20/04
Page 2 of 8
© 2003 Fairchild Semiconductor Corporation
** All typicals at TA = 25°C
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Min
Typ**
Max
Unit
EMITTER
Input Forward Voltage
(IF = 20 mA)
VF
1.2
1.5
V
Reverse Voltage
(IR = 10 µA)
VR
3.0
25
V
Reverse Current
(VR = 5 V)
IR
0.001
10
µA
Junction Capacitance
(VF = 0 V, f = 1 MHz)
CJ
50
pF
DETECTOR
Collector-Emitter Breakdown Voltage
(IC = 1.0 mA, IF = 0)
BVCEO
30
85
V
Emitter-Collector Breakdown Voltage
(IE = 100 µA, IF = 0)
BVECO
613
V
Collector-Emitter Dark Current
(VCE = 10 V, IF = 0)
ICEO
5
100
nA
Capacitance
(VCE = 0 V, f = 1 MHz)
CCE
8pF
TRANSFER CHARACTERISTICS
AC Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
SWITCHING TIMES
Non-Saturated Turn-on Time
(RL = 100 Ω, IC = 2 mA, VCC = 10 V)
ton
2.4
µs
Non-Saturated Turn-off Time
(RL = 100 Ω, IC = 2 mA, VCC = 10 V)
toff
2.4
µs
TRANSFER CHARACTERISTICS
DC Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
Current Transfer Ratio, Collector-Emitter
CTR
MCT6
(IF = 10 mA, VCE = 10 V)
20
%
MCT61
(IF = 5 mA, VCE = 5 V)
50
MCT62
100
Saturation Voltage
(IF = 16 mA, IC = 2 mA)
VCE(sat)
0.15
0.40
V
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
Input-Output Isolation Voltage
(II-O ≤ 1 µA, t = 1 min.)
VISO
5300
Vac(rms)
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
Isolation Capacitance
(f = 1 MHz)
CISO
0.5
pf


Similar Part No. - MCT61S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT61 QT-MCT61 Datasheet
430Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
MCT61 ETC-MCT61 Datasheet
57Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Fairchild Semiconductor
MCT61 FAIRCHILD-MCT61 Datasheet
475Kb / 9P
   Dual Phototransistor Optocouplers
More results

Similar Description - MCT61S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT9001 FAIRCHILD-MCT9001_04 Datasheet
512Kb / 8P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT6 FAIRCHILD-MCT6_06 Datasheet
475Kb / 9P
   Dual Phototransistor Optocouplers
logo
QT Optoelectronics
MCT6 QT-MCT6 Datasheet
430Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT9001 FAIRCHILD-MCT9001 Datasheet
497Kb / 7P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT9001S FAIRCHILD-MCT9001S Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
MCT9001SD FAIRCHILD-MCT9001SD Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com