Electronic Components Datasheet Search |
|
RC0201DR-7C9M76 Datasheet(PDF) 4 Page - YAGEO Corporation |
|
RC0201DR-7C9M76 Datasheet(HTML) 4 Page - YAGEO Corporation |
4 / 9 page Chip Resistor Surface Mount www.yageo.com May 02, 2011 V.8 Product specification 4 9 SERIES RC 0201 CONSTRUCTION The resistor is constructed on top of a high-grade ceramic body. Internal metal electrodes are added on each end to make the contacts to the thick film resistive element. The composition of the resistive element is a noble metal imbedded into a glass and covered by a second glass to prevent environment influences. The resistor is laser trimmed to the rated resistance value. The resistor is covered with a protective epoxy coat, finally the two external terminations (matte tin on Ni-barrier) are added, as shown in Fig.2. MARKING RC0201 No marking For further marking information, please refer to data sheet “Chip resistors marking”. Fig. 1 ynsc007 DIMENSIONS TYPE RC0201 L (mm) 0.60 ±0.03 W (mm) 0.30 ±0.03 H (mm) 0.23 ±0.03 I1 (mm) 0.10 ±0.05 I2 (mm) 0.15 ±0.05 Table 1 overcoat protective glass resistive layer (Jumper chip is a conductor) inner electrode termination(Ni/matte tin) ceramic substrate H I2 YNSC056 overcoat W L I1 inner electrode O OU UT TL LIIN NE ES S For dimension, please refer to Table 1 Fig. 2 Chip resistor outlines |
Similar Part No. - RC0201DR-7C9M76 |
|
Similar Description - RC0201DR-7C9M76 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |