Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1240 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # A1240
Description  panel mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

A1240 Datasheet(HTML) 1 Page - Crydom Inc.,

  A1240 Datasheet HTML 1Page - Crydom Inc., A1240 Datasheet HTML 2Page - Crydom Inc., A1240 Datasheet HTML 3Page - Crydom Inc., A1240 Datasheet HTML 4Page - Crydom Inc., A1240 Datasheet HTML 5Page - Crydom Inc., A1240 Datasheet HTML 6Page - Crydom Inc., A1240 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DataSheet
Panel Mount
Series 1 120 VAC
Ratings from 10A to 40A @ 24-140 VAC
SCR output for heavy industrial loads
Zero turn-on or instantaneous turn-on outputs
UL/CSA/VDE Approved, CE Compliant to EN60950-1
Improved SEMS screw and washer
Redesigned housing with anti-rotation barriers
For Generation 3 datasheet click here
AC or DC control
Direct bond copper substrate
EMC compliant to Level 3
Direct power lead frame
Epoxy free design
PRODUCT SELECTION
Control Voltage
10A
25A
40A
3-32 VDC
D1210
D1225
D1240
90-280 VAC
A1210
A1225
A1240
18-36 VAC
A1210E
A1225E
A1240E
AVAILABLE OPTIONS
Required for valid part number
For options only and not required for valid part number
Control Voltage
A: 90-280 VAC
D: 3-32 VDC
AxxxxE: 18-36 VAC
Rated Load Current
10: 10 Amps
25: 25 Amps
40: 40 Amps
Operating
Voltage
12: 24-140 VAC
Output Frecuency
Blank: 47-440 Hz
4: 400 Hz
Overvoltage Protection
Blank: Not Included
P: Included (8)
Input Status LED
Blank: Not Included
G: Included
Termination
Blank: Screw
F: Quick Connect (7)
K: Round standoffs
10
E
A
4
P
G
Thermal Pad
Blank: Not Included
H: Included
12
K
H
Snubber
Blank: Not Included
S: Included
S
Switching Type
Blank: Zero Voltage Turn-On
-10: Instantaneous Turn-On (9)
-10
OUTPUT SPECIFICATIONS (1)
Description
10A
25A
40A
Operating Voltage (47-440Hz) [Vrms] (2)
24-140
24-140
24-140
Transient Overvoltage [Vpk]
600
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms] (3)
1
1
1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
500
500
500
Maximum Load Current [Arms] (4)
10
25
40
Minimum Load Current [mArms]
150
150
150
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
115/120
239/250
597/625
Maximum On-State Voltage Drop @ Rated Current [Vrms]
1.15
1.15
1.15
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.03
0.8
0.5
Maximum 1/2 Cycle I² t for Fusing (50/60Hz) [A² sec]
66/60
285/259
1770/1629
Minimum Power Factor (at Maximum Load)
0.5
0.5
0.5
INPUT SPECIFICATIONS (1)
Description
D12xx
A12xx
A12xxE
Control Voltage Range
3-32 VDC
90-280 Vrms
18-36 Vrms
Maximum Reverse Voltage
-32
-
-
Minimum Turn-On Voltage
3.0 VDC (5)
90 Vrms
18 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
4 Vrms
Minimum Input Current [mA]
7
5
16
Maximum Input Current [mA]
12
10
20
Nominal Input Impedance [Ohms]
Current Regulated
Maximum Turn-On Time [msec]
1/2 Cycle (6)
20
20
Maximum Turn-Off Time [msec]
1/2 Cycle
30
30
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - A1240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1240 ETC1-A1240 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
A1240 CRYDOM-A1240 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Actel Corporation
A1240 ACTEL-A1240 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
logo
Crydom Inc.,
A1240 CRYDOM-A1240 Datasheet
950Kb / 7P
   Panel Mount
logo
Sensata Technologies, I...
A1240 SENSATA-A1240 Datasheet
693Kb / 6P
   PANEL MOUNT
More results

Similar Description - A1240

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com