Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1240 Datasheet(PDF) 4 Page - Crydom Inc.,

Part # D1240
Description  panel mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D1240 Datasheet(HTML) 4 Page - Crydom Inc.,

  D1240 Datasheet HTML 1Page - Crydom Inc., D1240 Datasheet HTML 2Page - Crydom Inc., D1240 Datasheet HTML 3Page - Crydom Inc., D1240 Datasheet HTML 4Page - Crydom Inc., D1240 Datasheet HTML 5Page - Crydom Inc., D1240 Datasheet HTML 6Page - Crydom Inc., D1240 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DataSheet
Panel Mount
SURGE CURRENT INFORMATION
0
20
40
60
80
100
120
0.01
0.1
1
10
Surge Duration (Secs)
10 A
0
50
100
150
200
250
0.01
0.1
1
10
Surge Duration (Secs)
25 A
0
100
200
300
400
500
600
0.01
0.1
1
10
Surge Duration (Secs)
40 A
Non repetitive peak surge current at Tj initial 40ºC.
THERMAL DERATE INFORMATION
10
8
6
4
2
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
10 A
3ºC/W
5ºC/W
No Heatsink
25
20
15
10
5
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
25 A
1.5ºC/W
2ºC/W
3ºC/W
40
30
20
10
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
40 A
1ºC/W
1.5ºC/W
2ºC/W
3.5ºC/W
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - D1240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1240 ETC1-D1240 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
D1240 CRYDOM-D1240 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D1240 CRYDOM-D1240 Datasheet
950Kb / 7P
   Panel Mount
logo
Sensata Technologies, I...
D1240 SENSATA-D1240 Datasheet
693Kb / 6P
   PANEL MOUNT
logo
Crydom Inc.,
D1240-10 CRYDOM-D1240-10 Datasheet
505Kb / 4P
   PCB Mount
More results

Similar Description - D1240

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com