Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0201DR-7C9K76 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # RC0201DR-7C9K76
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0201DR-7C9K76 Datasheet(HTML) 9 Page - YAGEO Corporation

  RC0201DR-7C9K76 Datasheet HTML 1Page - YAGEO Corporation RC0201DR-7C9K76 Datasheet HTML 2Page - YAGEO Corporation RC0201DR-7C9K76 Datasheet HTML 3Page - YAGEO Corporation RC0201DR-7C9K76 Datasheet HTML 4Page - YAGEO Corporation RC0201DR-7C9K76 Datasheet HTML 5Page - YAGEO Corporation RC0201DR-7C9K76 Datasheet HTML 6Page - YAGEO Corporation RC0201DR-7C9K76 Datasheet HTML 7Page - YAGEO Corporation RC0201DR-7C9K76 Datasheet HTML 8Page - YAGEO Corporation RC0201DR-7C9K76 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May 02, 2011 V.8
Product specification
9
9
SERIES
RC
0201
REVISION HISTORY
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 8
May 02, 2011
-
- Add ±0.5% tolerance for RC0201
- Add new taping reel code of 7 inch dia. reel with 1.5 x standard quantity
(15,000 units per reel)
- 10" taping reel removed
Version 7
Jan 06, 2011
-
- Typo updated
Version 6
Apr 27, 2010
-
- Updated test items and methods
- Add new taping reel code of 7 inch dia. reel with double standard
quantity (20,000 units per reel)
Version 5
Nov 10, 2009
-
- Test items and methods updated
- Test requirements upgraded
- Resistance range extend
Version 4
Jul 15, 2008
-
- Description of "Halogen Free Epoxy" added
- Define global part number
Version 3
Apr 25, 2007
-
- New datasheet for 0201 thick film 1% and 5% with lead-free terminations
- Replace the 0201 part of pdf files: Pu-RC0201_51_PbFree_L_2 and Yu-
RC0201_51_PbFree_L_2
- Max. working voltage, resistance rage, and TCR updated
- Tests and Requirements updated
Version 2
Sep 03, 2004
-
- New datasheet for 0201 thick film 1% and 5% with lead-free terminations
- Replace the 0201 part of pdf files: RC41_5_4, RC42_1_1
- Test method and procedure updated
- PE tape added (paper tape will be replaced by PE tape)
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”


Similar Part No. - RC0201DR-7C9K76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0201DR-7C22KL YAGEO-RC0201DR-7C22KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201DR-7C470RL YAGEO-RC0201DR-7C470RL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0201DR-7C9K76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com