Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR1206GRF7W0R001 Datasheet(PDF) 8 Page - YAGEO Corporation

Part # PR1206GRF7W0R001
Description  CURRENT SENSOR - LOW TCR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PR1206GRF7W0R001 Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button PR1206GRF7W0R001 Datasheet HTML 2Page - YAGEO Corporation PR1206GRF7W0R001 Datasheet HTML 3Page - YAGEO Corporation PR1206GRF7W0R001 Datasheet HTML 4Page - YAGEO Corporation PR1206GRF7W0R001 Datasheet HTML 5Page - YAGEO Corporation PR1206GRF7W0R001 Datasheet HTML 6Page - YAGEO Corporation PR1206GRF7W0R001 Datasheet HTML 7Page - YAGEO Corporation PR1206GRF7W0R001 Datasheet HTML 8Page - YAGEO Corporation PR1206GRF7W0R001 Datasheet HTML 9Page - YAGEO Corporation PR1206GRF7W0R001 Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
8
10
SERIES
PR/PF/PH
0805/1206/2512/0815
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Life/
Operational Life/
Endurance
MIL-STD-202G-method 108A
IEC 60115-1 4.25.1
JIS C 5202-7.10
1,000 hours at 70±5 °C applied RCWV
1.5 hours on, 0.5 hour off, still air required
±(1%+0.0005 Ω)
High
Temperature
Exposure/
Endurance at
Upper Category
Temperature
MIL-STD-202G-method 108A
IEC 60115-1 4.25.3
JIS C 5202-7.11
1,000 hours at maximum operating temperature
depending on specification, unpowered
No direct impingement of forced air to the parts
Tolerances: 155±3 °C
±(1%+0.0005 Ω)
Moisture
Resistance
MIL-STD-202G-method 106F
IEC 60115-1 4.24.2
Each temperature / humidity cycle is defined at 8
hours (method 106F), 3 cycles / 24 hours for 10d
with 25 °C / 65 °C 95% R.H, without steps 7a &
7b, unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24±2 hours after
test conclusion
±(0.5%+0.0005 Ω)
Thermal Shock
MIL-STD-202G-method 107G
-55/+155 °C
Note: Number of cycles required is 300. Devices
unmounted
Maximum transfer time is 20 seconds. Dwell time
is 15 minutes. Air – Air
±(0.5%+0.0005 Ω)
Short Time
Overload
MIL-R-55342D-para 4.7.5
IEC60115-1 4.13
5 times of rated power for 5 seconds at room
temperature
±(0.5%+0.0005 Ω)
No visible damage
Board Flex/
Bending
IEC60115-1 4.33
Device mounted on PCB test board as described,
only 1 board bending required
Bending for 0805: 3 mm
1206/2512/other: 2 mm
Holding time: minimum 60 seconds
±(1%+0.05 Ω)
No visible damage
Table 4 Test condition, procedure and requirements


Similar Part No. - PR1206GRF7W0R001

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1200 GOOD-ARK-PR1200 Datasheet
49Kb / 2P
   PHOTOFLASH RECTIFIER
logo
MIC GROUP RECTIFIERS
PR1200 MIC-PR1200 Datasheet
142Kb / 2P
   PHOTOFLASH RECTIFIER
logo
Shenzhen Luguang Electr...
PR1200 LUGUANG-PR1200 Datasheet
60Kb / 2P
   PHOTOFLASH RECTIFIER
logo
Chenmko Enterprise Co. ...
PR1200FPT CHENMKO-PR1200FPT Datasheet
77Kb / 2P
   PHOTOFLASH RECTIFIER
PR1200PT CHENMKO-PR1200PT Datasheet
75Kb / 2P
   PHOTOFLASH RECTIFIER
More results

Similar Description - PR1206GRF7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com