Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFS3004-7PPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS3004-7PPBF
Description  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS3004-7PPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS3004-7PPBF Datasheet HTML 1Page - International Rectifier IRFS3004-7PPBF Datasheet HTML 2Page - International Rectifier IRFS3004-7PPBF Datasheet HTML 3Page - International Rectifier IRFS3004-7PPBF Datasheet HTML 4Page - International Rectifier IRFS3004-7PPBF Datasheet HTML 5Page - International Rectifier IRFS3004-7PPBF Datasheet HTML 6Page - International Rectifier IRFS3004-7PPBF Datasheet HTML 7Page - International Rectifier IRFS3004-7PPBF Datasheet HTML 8Page - International Rectifier IRFS3004-7PPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
HEXFET® Power MOSFET
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
GD
S
Gate
Drain
Source
PD - 97378A
IRFS3004-7PPbF
D2Pak 7 Pin
G
S
S
D
S
S
S
VDSS
40V
RDS(on) typ.
0.90m
max.
1.25mΩ
ID (Silicon Limited)
400Ac
ID (Package Limited)
240A
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
f
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds (1.6mm from case)
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
IAR
Avalanche Current
Ãd
A
EAR
Repetitive Avalanche Energy
d
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
kl
–––
0.40
°C/W
RθJA
Junction-to-Ambient (PCB Mount)
j
–––
40
-55 to + 175
± 20
2.5
Max.
400
™
280
™
1610
240
A
°C
300
290
See Fig. 14, 15, 22a, 22b
380
2.0
04/22/2010


Similar Part No. - IRFS3004-7PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3004-7PPBF IRF-IRFS3004-7PPBF Datasheet
493Kb / 9P
   HEXFET Power MOSFET
IRFS3004-7PPBF IRF-IRFS3004-7PPBF Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFS3004-7PPBF IRF-IRFS3004-7PPBF_15 Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS3004-7PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com