Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC2001 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRFIC2001
Description  900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2001 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC2001 Datasheet HTML 1Page - Motorola, Inc MRFIC2001 Datasheet HTML 2Page - Motorola, Inc MRFIC2001 Datasheet HTML 3Page - Motorola, Inc MRFIC2001 Datasheet HTML 4Page - Motorola, Inc MRFIC2001 Datasheet HTML 5Page - Motorola, Inc MRFIC2001 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRFIC2001
2
MOTOROLA RF DEVICE DATA
RECOMMENDED OPERATING RANGES
Parameter
Symbol
Value
Unit
Supply Voltage Range
VCC
2.7 to 5.0
Vdc
Control Voltage Range
ENABLE
0 to 5.0
Vdc
RF Port Frequency Range
fRF
500 to 1000
MHz
IF Port Frequency Range
fIF
0 (dc) to 250
MHz
ELECTRICAL CHARACTERISTICS (VCC, ENABLE = 3.0 V, TA = 25°C, RF @ 900 MHz, LO @ 1.0 GHz, PLO = –7.0 dBm,
IF @ 100 MHz unless otherwise noted)
Characteristic (1)
Min
Typ
Max
Unit
Supply Current: On-Mode
4.7
5.5
mA
Supply Current: Off-Mode (ENABLE < 1.0 Volts)
0.1
2.0
µA
ENABLE Response Time
1.0
µs
Conversion Gain
20
23
26
dB
Input Return Loss (RF IN Port)
13
dB
Single Sideband Noise Figure
5.5
dB
Input 3rd Order Intercept Point
–26
– 22.5
dBm
Output Power at 1.0 dB Gain Compression
–10
dBm
LO – RF Isolation (1.0 GHz)
37
dB
LO – IF Isolation (1.0 GHz)
33
dB
RF – IF Isolation (900 MHz)
4.0
dB
RF – LO Isolation (900 MHz)
19
dB
NOTE:
1. All Electrical Characteristics measured in test circuit schematic shown in Figure 1 below:
Figure 1. Test Circuit Configuration
C1, C2, C4, C7 — 100 pF Chip Capacitor
C3, C5, C8 — 1000 pF Chip Capacitor
C6 — 6.8 pF Chip Capacitor
L1 — 8.2 nH Chip Inductor
L2 — 270 nH Chip Inductor
L3 — 150 nH Chip Inductor
RF Connectors — SMA Type
Board Material — Epoxy/Glass
εr = 4.5,
Dielectric Thickness = 0.014
″ (0.36 mm)
C5
C4
8
RF IN
50
C1
D.U.T.
C6
IF OUT
50
7
6
5
1
2
3
4
C7
C8
L2
LO IN
50
C2
ENABLE
+
C3
VCC
+
VCC
+
L1
L3


Similar Part No. - MRFIC2001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
   900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
   900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2006 MOTOROLA-MRFIC2006 Datasheet
165Kb / 8P
   900 MHz 2 STAGE PA SILICON MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC2001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
   900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
   900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
   900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Tyco Electronics
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
   Highly Linear LNA/Downconverter 800-900 MHz
logo
Motorola, Inc
MRFIC2006 MOTOROLA-MRFIC2006 Datasheet
165Kb / 8P
   900 MHz 2 STAGE PA SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0931 MOTOROLA-MRFIC0931 Datasheet
83Kb / 4P
   BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com