Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWD48125 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # CWD48125
Description  panel mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CWD48125 Datasheet(HTML) 1 Page - Crydom Inc.,

  CWD48125 Datasheet HTML 1Page - Crydom Inc., CWD48125 Datasheet HTML 2Page - Crydom Inc., CWD48125 Datasheet HTML 3Page - Crydom Inc., CWD48125 Datasheet HTML 4Page - Crydom Inc., CWD48125 Datasheet HTML 5Page - Crydom Inc., CWD48125 Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CW48 Series
• Ratings from 10A to 125A @ 24-280 VAC and 48-660 VAC
• SCR output for heavy industrial loads
• EMC Compliant for reliable operation in harsh environments
• Removable IP 20 touch-safe cover
• DBC substrate for superior thermal performance
• LED input status indicator
• AC or DC input, and Universal AC/DC input
• Zero-corssing (resistive loads) or random-fire (inductive loads) output
UL/CSA/TUV Approved, CE Compliant to EN60950-1
PRODUCT SELECTION
Description
10A
25A
50A
90A
125A
4-32 VDC
CWD4810
CWD4825
CWD4850
CWD4890
CWD48125
90-280 Vrms
CWA4810
CWA4825
CWA4850
CWA4890
CWA48125
18-36 Vrms
CWA4810E
CWA4825E
CWA4850E
CWA4890E
CWA48125E
20-48 VDC/ 20-280 Vrms
CWU4810
CWU4825
CWU4850
CWU4890
CWU48125
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
10A
25A
50A
90A
125A
Operating Voltage (47-440Hz) [Vrms] (8)
48-660
48-660
48-660
48-660
48-660
Transient Overvoltage [Vpk]
1200
1200
1200
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
1.0
1.0
1.0
1.0
1.0
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
500
500
500
500
500
Maximum Load Current (3) [Arms]
10
25
50
90
125
Minimum Load Current [Arms]
0.15
0.15
0.15
0.25
0.25
Maximum 1 Cycle Surge Current (50/60) [Apk]
380/400
570/600
810/850
1290/1350
1900/2000
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.3
1.3
1.3
1.3
1.25
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.35
0.35
0.2
0.14
0.13
Maximum I² t for Fusing 50/60Hz (1/2 cycle) [A² sec]
720/660
1620/1500
3280/3000
8320/7560
18000/16600
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
0.5
0.5
HP Rating UL 508/IEC60947 [HP (KW)]: 120 VAC
0.5 (0.4)
1 (0.7)
2 (1.5)
3 (2.2)
5 (3.7)
HP Rating UL 508/IEC60947 [HP (KW)]: 240 VAC
1.5 (1.1)
3 (2.2)
5 (3.7)
7.5 (5.6)
10 (7.5)
HP Rating UL 508/IEC60947 [HP (KW)]: 480 VAC
2.5 (1.9)
5 (3.7)
7.5 (5.6)
10 (7.4)
15 (11.2)


Similar Part No. - CWD48125

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CWD48125 CRYDOM-CWD48125 Datasheet
598Kb / 5P
   Panel Mount
CWD48125 CRYDOM-CWD48125 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CWD48125-10 CRYDOM-CWD48125-10 Datasheet
598Kb / 5P
   Panel Mount
CWD48125E CRYDOM-CWD48125E Datasheet
598Kb / 5P
   Panel Mount
CWD48125E-10 CRYDOM-CWD48125E-10 Datasheet
598Kb / 5P
   Panel Mount
More results

Similar Description - CWD48125

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com