Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR20FM-14LJ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR20FM-14LJ
Description  700V - 20A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR20FM-14LJ Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR20FM-14LJ Datasheet HTML 1Page - Renesas Technology Corp BCR20FM-14LJ Datasheet HTML 2Page - Renesas Technology Corp BCR20FM-14LJ Datasheet HTML 3Page - Renesas Technology Corp BCR20FM-14LJ Datasheet HTML 4Page - Renesas Technology Corp BCR20FM-14LJ Datasheet HTML 5Page - Renesas Technology Corp BCR20FM-14LJ Datasheet HTML 6Page - Renesas Technology Corp BCR20FM-14LJ Datasheet HTML 7Page - Renesas Technology Corp BCR20FM-14LJ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BCR20FM-14LJ
Preliminary
R07DS0981EJ0100 Rev.1.00
Page 2 of 7
Dec 03, 2012
Electrical Characteristics
Rated value
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
3.0
mA
Tj = 150
C, V
DRM applied
On-state voltage
VTM
1.5
V
Tc = 25
C, I
TM = 30A,
instantaneous measurement
VFGT
1.5
V

VRGT
1.5
V
Gate trigger voltage
Note2

VRGT
1.5
V
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
IFGT
30
mA

IRGT
30
mA
Gate trigger curent
Note2

IRGT
30
mA
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
0.2
Tj = 125
C, V
D = 1/2 VDRM
Gate non-trigger voltage
VGD
0.1
V
Tj = 150
C, V
D = 1/2 VDRM
Thermal resistance
Rth (j-c)
3.2
C/W
Junction to case
Note3
10
Tj = 125
C
Critical-rate of rise of off-state
commutation voltage
Note4
(dv/dt)c
1
V/
s
Tj = 150
C
Notes: 1. Gate open.
2. Measurement using the gate trigger characteristics measurement circuit.
3. The contact thermal resistance Rth (c-f) in case of greasing is 0.5C/W.
4. Test conditions of the critical-rate of rise of off-state commutation voltage is shown in the table below.
5. Make sure that your finished product containing this device meets your safe isolation requirements.
For safety, it's advisable that heatsink is electrically floating.
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125/150
C
2. Rate of decay of on-state commutating current
(di/dt)c = –10A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR20FM-14LJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
More results

Similar Description - BCR20FM-14LJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20PM-14LJ RENESAS-BCR20PM-14LJ_15 Datasheet
108Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14RA RENESAS-BCR20FM-14RA Datasheet
468Kb / 7P
   700V - 20A - Triac Medium Power Use
Oct. 10, 2019
BCR20PM-14LJ RENESAS-BCR20PM-14LJ Datasheet
108Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR10FM-14LJ RENESAS-BCR10FM-14LJ Datasheet
105Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ Datasheet
110Kb / 8P
   700V - 10A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com