Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0201FR-7C10R Datasheet(PDF) 6 Page - YAGEO Corporation

Part # RC0201FR-7C10R
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0201FR-7C10R Datasheet(HTML) 6 Page - YAGEO Corporation

  RC0201FR-7C10R Datasheet HTML 1Page - YAGEO Corporation RC0201FR-7C10R Datasheet HTML 2Page - YAGEO Corporation RC0201FR-7C10R Datasheet HTML 3Page - YAGEO Corporation RC0201FR-7C10R Datasheet HTML 4Page - YAGEO Corporation RC0201FR-7C10R Datasheet HTML 5Page - YAGEO Corporation RC0201FR-7C10R Datasheet HTML 6Page - YAGEO Corporation RC0201FR-7C10R Datasheet HTML 7Page - YAGEO Corporation RC0201FR-7C10R Datasheet HTML 8Page - YAGEO Corporation RC0201FR-7C10R Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May 02, 2011 V.8
Product specification
6
9
SERIES
RC
0201
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
At +25/–55 °C and +25/+125 °C
Temperature
Coefficient of
Resistance
(T.C.R.)
IEC 60115-1 4.8
Formula:
T.C.R= ------------------------- ×106 (ppm/°C)
Where
t1=+25 °C or specified room temperature
t2=–55 °C or +125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Refer to table 2
Life/Endurance
IEC 60115-1 4.25.1
At 70±5 °C for 1,000 hours, RCWV applied for
1.5 hours on, 0.5 hour off, still air required
±(1.0%+0.05 Ω)
for 1%, 0.5% tol.
±(3.0%+0.05 Ω
for 5% tol.
<100 mΩ for Jumper
High
Temperature
Exposure/
Endurance at
Upper Category
Temperature
IEC 60068-2-2
1,000 hours at 125±5 °C, unpowered
±(1.0%+0.05 Ω)
for 1%, 0.5% tol.
±(2.0%+0.05 Ω)
for 5% tol.
<50 mΩ for Jumper
Moisture
Resistance
MIL-STD-202G Method-106G
Each temperature / humidity cycle is defined at 8
hours, 3 cycles / 24 hours for 10d. with 25 °C /
65 °C 95% R.H, without steps 7a & 7b,
unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24±2 hours after test conclusion
±(0.5%+0.05 Ω)
for 1%, 0.5% tol.
±(2.0%+0.05 Ω)
for 5% tol.
<100 mΩ for Jumper
Thermal Shock
MIL-STD-202G Method-107G
-55/+125 °C
Number of cycles required is 300. Devices
unmounted
Maximum transfer time is 20 seconds.
Dwell time is 15 minutes. Air – Air
±(0.5%+0.05 Ω)
for 1%, 0.5% tol.
±(1%+0.05 Ω)
for 5% tol.
<50 mΩ for Jumper
Table 4 Test condition, procedure and requirements
R2–R1
R1(t2–t1)


Similar Part No. - RC0201FR-7C10R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0201FR-7C22KL YAGEO-RC0201FR-7C22KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-7C470RL YAGEO-RC0201FR-7C470RL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0201FR-7C10R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com