Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR20FM-12LB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR20FM-12LB
Description  600V - 20A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR20FM-12LB Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR20FM-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR20FM-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR20FM-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR20FM-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR20FM-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR20FM-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR20FM-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR20FM-12LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR20FM-12LB
Preliminary
R07DS0889EJ0100 Rev.1.00
Page 4 of 7
Oct 29, 2012
0
5
10
15
20
25
30
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
03
2
14
5
0
20
40
80
60
100
120
140
160
–40
0
40
80
120
160
–40
0
40
80
120
160
Natural convection
No fins
Curves apply
regardless of
conduction angle
Resistive,
inductive loads
Typical Example
Typical Example
010
20
30
0
20
40
80
60
100
120
140
160
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
0
20
40
80
60
100
120
140
160
160 160 t2.3
120 120 t2.3
100 100 t2.3
Curves apply regardless of
conduction angle
Resistive, inductive loads
Natural convection
All fins are black painted
aluminum and greased
106
105
104
103
102
103
102
101
30
20
10
40
0
0
5
10
15
20
25
30
360° Conduction
Resistive,
inductive loads


Similar Part No. - BCR20FM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20FM-12LB RENESAS-BCR20FM-12LB_15 Datasheet
113Kb / 8P
   600V - 20A - Triac Medium Power Use
More results

Similar Description - BCR20FM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20CM-12LB RENESAS-BCR20CM-12LB_15 Datasheet
202Kb / 8P
   600V - 20A - Triac Medium Power Use
BCR20FM-12LB RENESAS-BCR20FM-12LB_15 Datasheet
113Kb / 8P
   600V - 20A - Triac Medium Power Use
BCR20CM-12LB RENESAS-BCR20CM-12LB Datasheet
478Kb / 9P
   600V - 20A - Triac Medium Power Use
Sep. 11, 2018
BCR20PM-14LJ RENESAS-BCR20PM-14LJ_15 Datasheet
108Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20CM-16LB RENESAS-BCR20CM-16LB Datasheet
508Kb / 9P
   800V - 20A - Triac Medium Power Use
Feb. 1, 2019
BCR20CM-16LB RENESAS-BCR20CM-16LB_15 Datasheet
141Kb / 9P
   800V - 20A - Triac Medium Power Use
BCR20FM-14RA RENESAS-BCR20FM-14RA Datasheet
468Kb / 7P
   700V - 20A - Triac Medium Power Use
Oct. 10, 2019
BCR20PM-14LJ RENESAS-BCR20PM-14LJ Datasheet
108Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com