Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT2200.S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MCT2200.S
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT2200.S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MCT2200.S Datasheet HTML 1Page - Fairchild Semiconductor MCT2200.S Datasheet HTML 2Page - Fairchild Semiconductor MCT2200.S Datasheet HTML 3Page - Fairchild Semiconductor MCT2200.S Datasheet HTML 4Page - Fairchild Semiconductor MCT2200.S Datasheet HTML 5Page - Fairchild Semiconductor MCT2200.S Datasheet HTML 6Page - Fairchild Semiconductor MCT2200.S Datasheet HTML 7Page - Fairchild Semiconductor MCT2200.S Datasheet HTML 8Page - Fairchild Semiconductor MCT2200.S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
6/15/05
Page 3 of 15
© 2005 Fairchild Semiconductor Corporation
MCT2
MCT2E
MCT210
MCT271
MCT2200
MCT2201
MCT2202
PHOTOTRANSISTOR OPTOCOUPLERS
** Typical values at TA = 25°C
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
Individual Component Characteristics
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
Input Forward Voltage
(IF = 20 mA)
VF
MCT2/-M
MCT2E/-M
MCT271
MCT2200
MCT2201
MCT2202
1.25
1.50
V
(TA = 0-70°C, IF = 40 mA)
MCT210
1.33
Reverse Leakage Current
(VR = 3.0 V)
IR
MCT2/-M
MCT2E/-M
MCT271
MCT2200
MCT2201
MCT2202
0.001
10
µA
(TA = 0-70°C, VR = 6.0 V)
MCT210
DETECTOR
(IC = 1.0 mA, IF = 0)
BVCEO
ALL
30
100
V
Collector-Emitter BreakdownVoltage
(TA = 0-70°C)
MCT210
Collector-Base Breakdown Voltage
(IC = 10 µA, IF = 0)
BVCBO
MCT2/-M
MCT2E/-M
MCT271
MCT2200
MCT2201
MCT2202
70
120
V
(TA = 0-70°C)
MCT210
30
Emitter-Collector Breakdown Voltage
(IE = 100 µA, IF = 0)
BVECO
MCT2/-M
MCT2E/-M
MCT271
MCT2200
MCT2201
MCT2202
710
V
(TA = 0-70°C)
MCT210
6
10
Collector-Emitter Dark Current
(VCE = 10 V, IF = 0)
ICEO
ALL
1
50
nA
(VCE = 5 V, TA = 0-70°C)
30
µA
Collector-Base Dark Current
(VCB = 10 V, IF = 0)
ICBO
ALL
20
nA
Capacitance
(VCE = 0 V, f = 1 MHz)
CCE
ALL
8
pF


Similar Part No. - MCT2200.S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
ISOCOM COMPONENTS
MCT2200 ISOCOM-MCT2200 Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200 ISOCOM-MCT2200 Datasheet
630Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200X ISOCOM-MCT2200X Datasheet
630Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - MCT2200.S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com