Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT102-0100-I4000-W Datasheet(PDF) 2 Page - CUI INC

Part # AMT102-0100-I4000-W
Description  MODULAR ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT102-0100-I4000-W Datasheet(HTML) 2 Page - CUI INC

  AMT102-0100-I4000-W Datasheet HTML 1Page - CUI INC AMT102-0100-I4000-W Datasheet HTML 2Page - CUI INC AMT102-0100-I4000-W Datasheet HTML 3Page - CUI INC AMT102-0100-I4000-W Datasheet HTML 4Page - CUI INC AMT102-0100-I4000-W Datasheet HTML 5Page - CUI INC AMT102-0100-I4000-W Datasheet HTML 6Page - CUI INC AMT102-0100-I4000-W Datasheet HTML 7Page - CUI INC AMT102-0100-I4000-W Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date
07/26/2013 │ page 2 of 8
CUI Inc
│ SERIES: AMT10X │ DESCRIPTION: MODULAR ENCODER
PART NUMBER KEY
For customers that prefer a specific AMT10X configuration, please reference the custom configuration key below.
AMT10X-V KITS
In order to provide maximum flexibility for our customers, the AMT10X series is provided in kit form standard. This allows the user to implement the encoder
into a range of applications using one sku#, reducing engineering and inventory costs.
(4.76mm)
3mm
4mm
m
m
2
m
m
5
3/16 inch
1/4 inch
(6.35mm)
(3.175mm)
6mm
8mm
1/8 inch
Snow
e
u
l
B
y
k
S
t
h
g
i
L
e
g
n
a
r
O
1
e
l
p
r
u
P
0
6
y
a
r
G
1
w
o
ll
e
Y
1
d
e
R
Green1
Blue
SLEEVES
103
BASE
103
TOP COVER
102
TOOL B
102
TOP COVER
SHAFT
ADAPTER
102
BASE
TOOL A
WIDE BASE
AMT10X-V
Mounting Version:
2 = Straight
(radial connector)
3 = Right Angle
(axial connector)
*See diagrams below (pg. 4~7)
ORDERING GUIDE
AMT10X - XXXX - X XXXX - X
Resolution (ppr):
0048
0384
0096
0400
0100
0500
0125
0512
0192
0800
0200
1000
0250
1024
0256
2048
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
Base Number
Mounting Version:
2 = Straight
(radial connector)
3 = Right Angle
(axial connector)
*See diagrams below (pg. 4~7)
Mounting Base Plate:
S = Standard base plate
(mounting hole options A~F, G on AMT 102)
W = Wide base plate (AMT 102 Only)
(mounting hole options G~H)
Index Pulse:
I = Index Pulse
N = No Index Pulse


Similar Part No. - AMT102-0100-I4000-W

ManufacturerPart #DatasheetDescription
logo
CUI Devices
AMT102-0512-15000-S CUID-AMT102-0512-15000-S Datasheet
869Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/05/2022
More results

Similar Description - AMT102-0100-I4000-W

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
LME CUI-LME Datasheet
874Kb / 5P
   modular incremental encoder
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
BME CUI-BME Datasheet
343Kb / 6P
   modular incremental encoder
01/2009
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
   MODULAR INCREMENTAL ENCODER
11/18/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
   MODULAR ABSOLUTE ENCODER
02/22/2022
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/04/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com