Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0201JR-079R76 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # RC0201JR-079R76
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0201JR-079R76 Datasheet(HTML) 2 Page - YAGEO Corporation

  RC0201JR-079R76 Datasheet HTML 1Page - YAGEO Corporation RC0201JR-079R76 Datasheet HTML 2Page - YAGEO Corporation RC0201JR-079R76 Datasheet HTML 3Page - YAGEO Corporation RC0201JR-079R76 Datasheet HTML 4Page - YAGEO Corporation RC0201JR-079R76 Datasheet HTML 5Page - YAGEO Corporation RC0201JR-079R76 Datasheet HTML 6Page - YAGEO Corporation RC0201JR-079R76 Datasheet HTML 7Page - YAGEO Corporation RC0201JR-079R76 Datasheet HTML 8Page - YAGEO Corporation RC0201JR-079R76 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May 02, 2011 V.8
Product specification
2
9
SERIES
RC
0201
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D oorrddeerriinngg ccooddee
GLOBAL PART NUMBER (PREFERRED)
RC0201 X R - XX XXXX L
(1) (2) (3) (4)
(5)
(6)
(1) TOLERANCE
D = ±0.5%
F = ±1%
J = ±5% (for Jumper ordering, use code of J)
(2) PACKAGING TYPE
R = Paper / PE taping reel
(3) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Based on spec.
(4) TAPING REEL
07 = 7 inch dia. Reel
7C = 7 inch dia. Reel, 1.5 x Standard Quantity
7D = 7 inch dia. Reel, 2 x Standard Quantity
13 = 13 inch dia. Reel
(5) RESISTANCE VALUE
There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point, no
need to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed coding rules of resistance are shown in the table of “Resistance rule of global
part number”.
(6) DEFAULT CODE
Letter L is system default code for ordering only. (Note)
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
RC0201 series chip resistors
with lead-free terminations made
by thick film process.
APPLICATIONS
All general purpose application
FEATURES
Halogen Free Epoxy
RoHS compliant
-
Products with lead free
terminations meet RoHS
requirements.
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS.
Reduce environmentally
hazardous wastes
High component and equipment
reliability
Save of PCB space
None forbidden-materials used
in products/production.
ORDERING EXAMPLE
The ordering code of a RC0201
chip resistor, value 56 X with
±1% tolerance, supplied in 7-inch
tape of 15,000 units per reel is:
RC0201FR-7C56RL.
NOTE
1. All our RSMD products meet RoHS
compliant and Halogen Free. "LFP" of
the internal 2D reel label mentions
"Lead Free Process".
2. On customized label, "LFP" or specific
symbol can be printed.
Resistance rule of global part
number
Resistance code rule
Example
D1
D1 = Dummy
0R
0R = Jumper
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω


Similar Part No. - RC0201JR-079R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0201JR-0797R6L YAGEO-RC0201JR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0201JR-0797R6P YAGEO-RC0201JR-0797R6P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
RC0201JR-079K76L YAGEO-RC0201JR-079K76L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0201JR-079K76P YAGEO-RC0201JR-079K76P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC0201JR-079R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com