Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431315300230 Datasheet(PDF) 8 Page - YAGEO Corporation

Part # 431315300230
Description  HIGH FREQUENCY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

431315300230 Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button 431315300230 Datasheet HTML 4Page - YAGEO Corporation 431315300230 Datasheet HTML 5Page - YAGEO Corporation 431315300230 Datasheet HTML 6Page - YAGEO Corporation 431315300230 Datasheet HTML 7Page - YAGEO Corporation 431315300230 Datasheet HTML 8Page - YAGEO Corporation 431315300230 Datasheet HTML 9Page - YAGEO Corporation 431315300230 Datasheet HTML 10Page - YAGEO Corporation 431315300230 Datasheet HTML 11Page - YAGEO Corporation 431315300230 Datasheet HTML 12Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Phycomp
Product specification
High Frequency
SMD type antennas
for BT/802.11b/g application 2.45 GHz size 5.3
× 2.0
2004 Oct 12 Rev.4
8
www.yageo.com
TESTS AND REQUIREMENTS
Table 4
Test procedures and requirements
IEC
384-10/
CECC32 100
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.4
mounting
the antenna may be mounted on
printed-circuit boards or ceramic
substrates by applying wave
soldering, reflow soldering
(including vapour phase
soldering) or conductive
adhesive
no visible damage
4.5
visual inspection and
dimension check
any applicable method using
× 10 magnification
in accordance with
specification (chip off 4
mm)
4.8
adhesion
a force of 3 N applied for 10 s to
the line joining the terminations
and in a plane parallel to the
substrate
mounted in accordance with
CECC 32 100, paragraph 4.4
no visible damage
4.9
bond strength of
plating on end face
conditions: bending 0.5 mm at a
rate of 1 mm/s; radius jig: 340
mm; 2 mm warp on FR4 board of
90 mm length
no visible damage
resistance to soldering
heat
260
±5 °C for 10 ±5 s in a static
solder bath
the terminations should be
well tinned after recovery;
central frequency
changed to
±6%
4.10
20 (Tb)
resistance to leaching
at 260
±5 °C for 30 ±1 s in a static
solder bath
using visual enlargement
of
× 10, dissolution of the
terminations should not
exceed 10%
4.11
20 (Ta)
solderability
zero hour test, and test after
storage (20 to 24 months) in
original atmosphere; unmounted
chips completely immersed for 2
±0.5 s at 235 ±5 °C
good tinning (
≥ 75%
covered) at terminations


Similar Part No. - 431315300230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
431311100245 ETC1-431311100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100245 ETC2-431311100245 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100260 ETC1-431311100260 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100260 ETC2-431311100260 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100270 ETC1-431311100270 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431315300230

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
logo
YAGEO Corporation
CAN4311772052452K YAGEO-CAN4311772052452K Datasheet
486Kb / 6P
   HIGH FREQUENCY
logo
Silicon Laboratories
SI5344H-42H SILABS-SI5344H-42H Datasheet
1Mb / 56P
   HIGH-FREQUENCY,
logo
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
   HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
   HIGH FREQUENCY
logo
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
   High-Frequency, High-Frequency Amp Analog Switch Applications
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com