Electronic Components Datasheet Search |
|
RC1206FR-131R5 Datasheet(PDF) 5 Page - YAGEO Corporation |
|
RC1206FR-131R5 Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 10 page Chip Resistor Surface Mount www.yageo.com Jul 02, 2009 V.4 Product specification 5 9 SERIES RC 1206 (RoHS Compliant) ELECTRICAL CHARACTERISTICS CHARACTERISTICS RC1206 1/4 W Operating Temperature Range –55 °C to +155 °C Maximum Working Voltage 200 V Maximum Overload Voltage 400 V Dielectric Withstanding Voltage 500 V 5% (E24) 1 Ω to 22 MΩ 1% (E24/E96) 1 Ω to 10 MΩ Resistance Range Zero Ohm Jumper < 0.05 Ω 1 Ω ≤ R ≤ 10 Ω 10 MΩ < R ≤ 22 MΩ ±200 ppm/°C ±200 ppm/°C Temperature Coefficient 10 Ω < R ≤ 10 MΩ ±100 ppm/°C Rated Current 2 A Jumper Criteria Maximum Current 10 A FOOTPRINT AND SOLDERING PROFILES For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”. Table 2 PACKING STYLE AND PACKAGING QUANTITY PRODUCT TYPE PACKING STYLE REEL DIMENSION QUANTITY PER REEL RC1206 Paper Taping Reel (R) 7" (178 mm) 5,000 units 10" (254 mm) 10,000 units 13" (330 mm) 20,000 units NOTE 1. For paper tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing” Table 3 Packing style and packaging quantity MLB206_2 70 100 55 50 Tamb( C) o (%P ) rated 0 0 50 100 155 P handbook, halfpage FUNCTIONAL DESCRIPTION PPO OW WEERR RRA AT TIIN NG G RC1206 rated power at 70°C is 1/4 W RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V=√(P X R) or max. working voltage whichever is less Where V=Continuous rated DC or AC (rms) working voltage (V) P=Rated power (W) R=Resistance value (X) Fig. 4 Maximum dissipation (P) in percentage of rated power as a function of the operating ambient temperature (Tamb) |
Similar Part No. - RC1206FR-131R5 |
|
Similar Description - RC1206FR-131R5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |