Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7832 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7832
Description  Synchronous MOSFET for Notebook Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7832 Datasheet(HTML) 3 Page - International Rectifier

  IRF7832 Datasheet HTML 1Page - International Rectifier IRF7832 Datasheet HTML 2Page - International Rectifier IRF7832 Datasheet HTML 3Page - International Rectifier IRF7832 Datasheet HTML 4Page - International Rectifier IRF7832 Datasheet HTML 5Page - International Rectifier IRF7832 Datasheet HTML 6Page - International Rectifier IRF7832 Datasheet HTML 7Page - International Rectifier IRF7832 Datasheet HTML 8Page - International Rectifier IRF7832 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF7832
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
2.25V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.25V
2.0
2.5
3.0
3.5
4.0
VGS, Gate-to-Source Voltage (V)
0
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
20µs PULSE WIDTH
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.25V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.25V
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ, Junction Temperature (°C )
0.0
0.5
1.0
1.5
2.0
ID = 16A
VGS = 4.5V


Similar Part No. - IRF7832

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7832 IRF-IRF7832 Datasheet
211Kb / 10P
   HEXFET Power MOSFET
IRF7832PBF IRF-IRF7832PBF Datasheet
262Kb / 10P
   HEXFET Power MOSFET
IRF7832PBF IRF-IRF7832PBF Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF-1 IRF-IRF7832PBF-1 Datasheet
254Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7832PBF-1 IRF-IRF7832PBF-1_15 Datasheet
254Kb / 10P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7832

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com