Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MID400 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MID400
Description  AC LINE MONITOR LOGIC-OUT DEVICE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MID400 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MID400 Datasheet HTML 1Page - Fairchild Semiconductor MID400 Datasheet HTML 2Page - Fairchild Semiconductor MID400 Datasheet HTML 3Page - Fairchild Semiconductor MID400 Datasheet HTML 4Page - Fairchild Semiconductor MID400 Datasheet HTML 5Page - Fairchild Semiconductor MID400 Datasheet HTML 6Page - Fairchild Semiconductor MID400 Datasheet HTML 7Page - Fairchild Semiconductor MID400 Datasheet HTML 8Page - Fairchild Semiconductor MID400 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AC LINE MONITOR
LOGIC-OUT DEVICE
MID400
7/24/03
Page 4 of 11
© 2003 Fairchild Semiconductor Corporation
The input of the MID400 consists of two back-to-back LED diodes which will accept and convert alternating currents into light
energy. An integrated photo diode-detector amplifier forms the output network. Optical coupling between input and output provides
2500 VRMS voltage isolation. A very high current transfer ratio (defined as the ratio of the DC output current and the DC input cur-
rent) is achieved through the use of high gain amplifier. The detector amplifier circuitry operates from a 5 V DC supply and drives
an open collector transistor output. The switching times are intentionally designed to be slow in order to enable the MID400, when
used as an AC line monitor, to respond only to changes in input voltage exceeding many milliseconds. The short period of time
during zero-crossing which occurs once every half cycle of the power line is completely ignored. To operate the MID400, always
add a resistor, RIN, in series with the input (as shown in test circuit 1) to limit the current to the required value. The value of the
resistor can be determined by the following equation:
Where VIN (RMS) is the input voltage.
VF is the forward voltage drop across the LED.
IIN (RMS) is the desired input current required to sustain a logic “O” on the output.
DESIGNATION
PIN #
FUNCTION
VIN1, VIN2
1,3
Input terminals
VCC
8
Supply voltage, output circuit.
AUX.
7
Auxiliary terminal.
Programmable capacitor input to
adjust AC voltage sensing level and
time delay.
VO
6
Output terminal; open collector.
GND
5
Circuit ground potential.
ISOLATION CHARACTERISTICS (TA = 25°C)
Characteristics
Test Conditions
Symbol
Min
Typ
Max
Units
Steady State Isolation Voltage
Relative Humidity
≤ 50%, II-O ≤ 10 µA,
1 Minute, 60 Hz
VISO
2500
VRMS
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
Isolation Capacitance
(f = 1 MHz)
CISO
2pF
DESCRIPTION / APPLICATIONS
PIN DESCRIPTION
R
IN
V
IN
V
F
I
IN
-----------------------
=
4
5
1
VIN1
VIN2
VCC
AUX.
GND
VO
2
3
8
7
6
NOTE: DO NOT CONNECT PINS 2 AND 4
SCHEMATIC DIAGRAM


Similar Part No. - MID400

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MID400 QT-MID400 Datasheet
482Kb / 6P
   AC LINE MONITOR LOGIC-OUT DEVICE
logo
Fairchild Semiconductor
MID400 FAIRCHILD-MID400 Datasheet
538Kb / 11P
   AC Line Monitor Logic-Out Device
logo
ON Semiconductor
MID400 ONSEMI-MID400 Datasheet
357Kb / 12P
   AC Line Monitor Logic-Out Device
October, 2022 - Rev. 3
logo
IXYS Corporation
MID400-12E4 IXYS-MID400-12E4 Datasheet
81Kb / 2P
   IGBT Module
logo
Fairchild Semiconductor
MID400S FAIRCHILD-MID400S Datasheet
538Kb / 11P
   AC Line Monitor Logic-Out Device
More results

Similar Description - MID400

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MID400 QT-MID400 Datasheet
482Kb / 6P
   AC LINE MONITOR LOGIC-OUT DEVICE
logo
Fairchild Semiconductor
MID400 FAIRCHILD-MID400_06 Datasheet
538Kb / 11P
   AC Line Monitor Logic-Out Device
logo
ON Semiconductor
MID400 ONSEMI-MID400 Datasheet
357Kb / 12P
   AC Line Monitor Logic-Out Device
October, 2022 - Rev. 3
logo
Murata Manufacturing Co...
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
   Self-Powered LED Display 480V AC Line Monitor
logo
Toshiba Semiconductor
4N38 TOSHIBA-4N38 Datasheet
307Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
4N35 TOSHIBA-4N35 Datasheet
333Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
API Technologies Corp
MS3C APITECH-MS3C Datasheet
226Kb / 1P
   OUT LINE MS3C
MS3BL APITECH-MS3BL Datasheet
195Kb / 1P
   OUT LINE, MS3BL
MS2TB APITECH-MS2TB Datasheet
183Kb / 1P
   OUT LINE, MS2TB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com