Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR16PM-14LJB00 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR16PM-14LJB00
Description  700V - 16A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16PM-14LJB00 Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR16PM-14LJB00 Datasheet HTML 1Page - Renesas Technology Corp BCR16PM-14LJB00 Datasheet HTML 2Page - Renesas Technology Corp BCR16PM-14LJB00 Datasheet HTML 3Page - Renesas Technology Corp BCR16PM-14LJB00 Datasheet HTML 4Page - Renesas Technology Corp BCR16PM-14LJB00 Datasheet HTML 5Page - Renesas Technology Corp BCR16PM-14LJB00 Datasheet HTML 6Page - Renesas Technology Corp BCR16PM-14LJB00 Datasheet HTML 7Page - Renesas Technology Corp BCR16PM-14LJB00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BCR16PM-14LJ
Preliminary
R07DS0958EJ0200 Rev.2.00
Page 6 of 7
Mar 01, 2013
103
102
101
101
100
102
Gate Current Pulse Width (
μs)
Gate Trigger Current vs.
Gate Current Pulse Width
Typical Example
Gate Trigger Characteristics Test Circuits
Test Procedure I
Test Procedure III
Test Procedure II
6
Ω
6
Ω
6
Ω
6V
6V
6V
330
Ω
330
Ω
330
Ω
A
V
A
V
A
V
IRGT I
IRGT III
IFGT I
101
100
102
102
101
100
Commutation Characteristics (Tj=150°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Minimum
Value
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 150°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
I Quadrant
III Quadrant


Similar Part No. - BCR16PM-14LJB00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
More results

Similar Description - BCR16PM-14LJB00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LB RENESAS-BCR16FM-14LB_15 Datasheet
171Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14RA RENESAS-BCR16FM-14RA Datasheet
471Kb / 7P
   700V - 16A - Triac Medium Power Use
Oct. 10, 2019
BCR16FM-14LJ RENESAS-BCR16FM-14LJ Datasheet
112Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LB RENESAS-BCR16FM-14LB Datasheet
524Kb / 9P
   700V - 16A - Triac Medium Power Use
Jan. 15, 2019
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR10FM-14LJ RENESAS-BCR10FM-14LJ Datasheet
105Kb / 8P
   700V - 10A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com