Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF3GB Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # UF3GB
Description  SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF3GB Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF3GB Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF3GB Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm. 22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
3.0
2.5
2.0
1.5
1.0
0.5
50
60
70
80
90
100 110 120 130 140 150
SINGLE PHASE HALF
60Hz RESISTIVE OR
LOAD P.C.B MOUNTED
0.315×0.315"(8.0×8.0mm)
COPPER PAD
LEAD TEMPERATURE,
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
Fig. 2-MAXIMUM AVERAGE FORWARD
CURRENT RATING
100
10
1
0.1
0.01
0
20
40
60
80
100
120
140
TJ = 150
TJ = 100
TJ = 25
PERCENT OF PEAK REVERSE VOLTAGE VOLTS
100
10
1
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
UF3MB
UF3GB
UF3AB ~ UF3DB
TJ = 25
PULSE WIDTH = 300
2% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE VOLTS
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-TYPICAL FORWARD CHARACTERISTICS
200
100
50
10
1
5
10
50
100
8.3ms SINGLE HALF SINE
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
160
140
120
100
80
60
40
20
.1
.5
1
2
5
10
20
50
100 200
500
1000
UF3AB ~ UF3DB
UF3GB ~ UF3MB
TJ = 25
f = 1MHZ
Vsig = 50mVp-p
REVERSE VOLTAGE VOLTS
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
Fig. 6-TYPICAL JUNCTION CAPACITANCE
http://www.yeashin.com
2
REV.02 20110725
°C
°C
°C
°C
°C
µS
°C
RATING AND CHARACTERISTIC CURVES
UF3AB Thru UF3MB


Similar Part No. - UF3GB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
UF3GB LUGUANG-UF3GB Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
Diode Semiconductor Kor...
UF3GB DSK-UF3GB Datasheet
93Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
SUNMATE electronic Co.,...
UF3GB SUNMATE-UF3GB Datasheet
576Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
HY ELECTRONIC CORP.
UF3GB HY-UF3GB Datasheet
423Kb / 3P
   Surface Mount High Efficiency (Ultra Fast) Glass Passivated Rectifiers
logo
SAMYANG ELECTRONICS CO....
UF3GB SAMYANG-UF3GB Datasheet
460Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results

Similar Description - UF3GB

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
UF3A YEASHIN-UF3A Datasheet
44Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
UF8A YEASHIN-UF8A Datasheet
39Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFI ER VOLTAGE - 50 to 1000 Volts CURR ENT - 8.0 Amperes
UF300 YEASHIN-UF300 Datasheet
38Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
logo
Pan Jit International I...
UF300 PANJIT-UF300 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Yea Shin Technology Co....
UF300G YEASHIN-UF300G Datasheet
44Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
logo
Pan Jit International I...
UF3A PANJIT-UF3A Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Pan Jit International I...
S2A PANJIT-S2A Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com