Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2M Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # U2M
Description  SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

U2M Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  U2M Datasheet HTML 1Page - Yea Shin Technology Co., Ltd U2M Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
U2A Thru U2M
SMF Unit: inch ( mm )
Top View
5
5
Z
Cathode Band
Detail
Z
enlarged
0.10 max
0.195 (0.9)typical
(0.189)4.8
(0.173)4.4
(0.052)1.3
(0.043)1.1
0.110(2.8)
0.095(2.4)
1.43
1.38
3.6
3.2
0.22
0.15
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
ULTRA FAST RECTIFIERS FORWARD CURRENT - 2 Ampere
FEATURES
Glass passivated chip
Ultra fast switching for high efficiency
For surface mounted applications
Low forward voltage drop and high current capability
Low reverse leakage current
Plastic material has UL flammability classification 94V-0
High temperature soldering : 260
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANCALDATA
Case: ITO-220AB full molded plastic package
Case : Molded plastic
Polarity : Indicated by cathode band
Weight : 0.002 ounces, 0.064 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
U2A
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TL =75°C
IAV
2.0
A
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC METHOD)
IFSM
60
A
Maximum forward Voltage at 1.0A DC
VF
1.0
1.3
1.5
1.7
V
Maximum DC Reverse Current
@TJ =25°C
at Rated DC Blocking Voltage
@TJ =100°C
IR
5
100
µA
Maximum Reverse Recovery Time (Note 1)
CJ
20
10
pF
Typical Junction
Capacitance (Note 2)
TRR
50
75
ns
Typical Thermal Resistance (Note 3)
RӨJC
30
°
C/W
Operating Temperature Range
TJ
-55 to +150
°
C
Storage Temperature Range
TSTG
-55 to +150
°
C
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounted.
U2B
U2D
U2G
U2J
U2M
U2K


Similar Part No. - U2M

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
U2M DYELEC-U2M Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIER
logo
Microdiode Electronics ...
U2MB CHENDA-U2MB Datasheet
602Kb / 2P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
U2MN DYELEC-U2MN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIER
More results

Similar Description - U2M

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1A PACELEADER-US1A Datasheet
129Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
UF1AS YEASHIN-UF1AS Datasheet
48Kb / 3P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US2A YEASHIN-US2A Datasheet
192Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF1A YEASHIN-UF1A Datasheet
38Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
US2AA PACELEADER-US2AA Datasheet
158Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
   REVERSE VOLTAGE - 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com